Electronic Components Datasheet Search
  English  ▼

X  

L9969X Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 49Page - STMicroelectronics L9969X Datasheet HTML 50Page - STMicroelectronics L9969X Datasheet HTML 51Page - STMicroelectronics L9969X Datasheet HTML 52Page - STMicroelectronics L9969X Datasheet HTML 53Page - STMicroelectronics L9969X Datasheet HTML 54Page - STMicroelectronics L9969X Datasheet HTML 55Page - STMicroelectronics L9969X Datasheet HTML 56Page - STMicroelectronics L9969X Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
CSS
Input capacity
-
-
-
15
pF
Pin SO
-
Tristate output of the H-bridge. On active reset
(VDD < VDD_POR) output SO is in tristate) In
case of small current, resistive behavior can
be assumed
-
-
-
-
-
VSO_L
output low level
I_SO = 2 mA
0.0
-
0.4
V
VSO_H
output high level
I_SO = -2 mA
VDD -0.5
-
VDD
V
trf
Rise/fall times (10% to 90%)
CL = 25 pF
CL = 100 pF
CL = 200 pF
8
20
38
-
22
50
82
ns
ISO
Leakage current
0 < VSO < VDD
-10
-
10
µA
ISO
Leakage current
VDD < VSO < 18 V SO in tri-
state mode
600
800
1000
µA
CSO
Capacity of SO in tristate
-
-
-
10
pF
Disturbance of SPI interface
∆Vx_L
∆Vx_H
Change of input low or high level of SPI input
pins in case of inverse current on VS
-
-0.1
-
0.1
V
∆ISx
Change of input current of SPI input pins in
case of inverse current on VS
-
-100
-
100
µA
∆ISO
Change of leakage current of SPI output pin in
case of inverse current on VS
-
-100
-
100
µA
Table 42. SPI timing parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fs
Baud Rate
-
-
-
2
Mbit/s
tcyc
1 - Cycle Time (referred to master)
-
490
-
-
ns
tlead
2 - Enable Lead Time (referred to master)
-
50
-
-
ns
tlag
3 - Enable Lag Time (referred to master)
-
150
-
-
ns
tv
4 - Data Valid (referred to master)
CL = 25 pF
CL = 100 pF
CL = 200 pF
-
-
90
110
150
ns
tsu
5 - Data Setup Time (referred to master)
-
40
-
-
ns
th
6 - Data Hold Time (referred to master)
-
40
-
-
ns
tdis
7 - Disable Time (referred to the H-bridge)
-
-
-
100
ns
tdt
8 - Transfer Delay (referred to master)
-
250
-
-
ns
tdld
9 - Disable Lead Time (referred to master)
-
250
-
-
ns
tdlg
10 - Disable Lag Time (referred to master)
-
250
-
-
ns
tacc
11 - Access Time (referred to master)
-
8.35
-
-
µs
L9969x
Functional behavior in detail
DS14029 - Rev 3
page 53/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com