Electronic Components Datasheet Search
  English  ▼

X  

L9969X Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 15Page - STMicroelectronics L9969X Datasheet HTML 16Page - STMicroelectronics L9969X Datasheet HTML 17Page - STMicroelectronics L9969X Datasheet HTML 18Page - STMicroelectronics L9969X Datasheet HTML 19Page - STMicroelectronics L9969X Datasheet HTML 20Page - STMicroelectronics L9969X Datasheet HTML 21Page - STMicroelectronics L9969X Datasheet HTML 22Page - STMicroelectronics L9969X Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
3.2.2
Inverse current on VS
Inverse currents flow out of VS. An inverse current with maximum 5 A decreasing during a maximum period of
250 ms does not lead to any destruction of the H-bridge ASIC. After exposure to such an inverse current, the full
functionality of the device is guaranteed (according to the product target specification).
Information is needed about the behavior of the inputs and outputs during inverse current. Furthermore,
information is needed on the reliability of information stored in internal registers during inverse current.
Figure 10. Inverse current
5 V < VBATT < 18 V, 4.5 V < VDD < 5.5 V, TJ= -40 °C to 150 °C, unless otherwise specified.
Table 13. Inverse Current
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IVS,INV
Inverse Current
250 ms
-
-
5
A
VVS_slew_inv
Maximum slew rate during inverse current
-
-5
-
-
V/µs
3.2.3
Reverse current
Reverse current is different from inverse Current. It is the current flowing in the load during the passive free-
wheeling phase, and passing through the low-side body diode, as soon as the high-side of the same branch is
switched OFF.
To reduce internal power losses, the free-wheeling is designed in such a way that, after some period of time, the
free-wheel diode is actively short-cut by the transistor channel (beginning the so-called active free-wheeling).
5 V < VBATT < 18 V, 4.5 V < VDD < 5.5 V, TJ= -40 °C to 150 °C, unless otherwise specified.
Table 14. Reverse current
Symbol
Parameter
Condition
Min
Typ
Max
Unit
UD
Free-wheel diode forward voltage
IOUT = 3 A
-
-
2
V
trr
Free-wheel diode reverse recovery time
-
-
-
100
ns
If the H-bridge is in internal current limitation or in thermal current reduction mode, the above-mentioned short-
circuiting of the free-wheeling diode is enabled or disabled according to the status of the free-wheeling bit in
the SPI register: CONFIG_REG.FW = 1 (short-cut enabled - active free wheeling) or CONFIG_REG.FW = 0
(short-cut disabled – passive free wheeling).
L9969x
Functional behavior in detail
DS14029 - Rev 3
page 19/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com