Electronic Components Datasheet Search
  English  ▼

X  

80C51 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # 80C51
Description  CMOS single-chip 8-bit microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C51 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button 80C51 Datasheet HTML 16Page - NXP Semiconductors 80C51 Datasheet HTML 17Page - NXP Semiconductors 80C51 Datasheet HTML 18Page - NXP Semiconductors 80C51 Datasheet HTML 19Page - NXP Semiconductors 80C51 Datasheet HTML 20Page - NXP Semiconductors 80C51 Datasheet HTML 21Page - NXP Semiconductors 80C51 Datasheet HTML 22Page - NXP Semiconductors 80C51 Datasheet HTML 23Page - NXP Semiconductors 80C51 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Philips Semiconductors
Product specification
80C31/80C51/87C51
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
20
VCC
P0
EA
RST
XTAL1
XTAL2
VSS
VCC
VCC
VCC
ICC
(NC)
CLOCK SIGNAL
SU00719
Figure 9. ICC Test Condition, Active Mode
All other pins are disconnected
VCC
P0
EA
RST
XTAL1
XTAL2
VSS
VCC
VCC
ICC
(NC)
CLOCK SIGNAL
SU00720
Figure 10. ICC Test Condition, Idle Mode
All other pins are disconnected
VCC–0.5
0.45V
0.7VCC
0.2VCC–0.1
tCHCL
tCLCL
tCLCH
tCLCX
tCHCX
SU00015
Figure 11. Clock Signal Waveform for ICC Tests in Active and Idle Modes
tCLCH = tCHCL = 5ns
VCC
P0
EA
RST
XTAL1
XTAL2
VSS
VCC
VCC
ICC
(NC)
SU00016
Figure 12. ICC Test Condition, Power Down Mode
All other pins are disconnected. VCC = 2V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com