Electronic Components Datasheet Search
  English  ▼

X  

80C51 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # 80C51
Description  CMOS single-chip 8-bit microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C51 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button 80C51 Datasheet HTML 19Page - NXP Semiconductors 80C51 Datasheet HTML 20Page - NXP Semiconductors 80C51 Datasheet HTML 21Page - NXP Semiconductors 80C51 Datasheet HTML 22Page - NXP Semiconductors 80C51 Datasheet HTML 23Page - NXP Semiconductors 80C51 Datasheet HTML 24Page - NXP Semiconductors 80C51 Datasheet HTML 25Page - NXP Semiconductors 80C51 Datasheet HTML 26Page - NXP Semiconductors 80C51 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Philips Semiconductors
Product specification
80C31/80C51/87C51
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
23
EPROM PROGRAMMING AND VERIFICATION CHARACTERISTICS
Tamb = 21°C to +27°C, VCC = 5V±10%, VSS = 0V (See Figure 16)
SYMBOL
PARAMETER
MIN
MAX
UNIT
VPP
Programming supply voltage
12.5
13.0
V
IPP
Programming supply current
50
mA
1/tCLCL
Oscillator frequency
4
6
MHz
tAVGL
Address setup to PROG low
48tCLCL
tGHAX
Address hold after PROG
48tCLCL
tDVGL
Data setup to PROG low
48tCLCL
tGHDX
Data hold after PROG
48tCLCL
tEHSH
P2.7 (ENABLE) high to VPP
48tCLCL
tSHGL
VPP setup to PROG low
10
µs
tGHSL
VPP hold after PROG
10
µs
tGLGH
PROG width
90
110
µs
tAVQV
Address to data valid
48tCLCL
tELQZ
ENABLE low to data valid
48tCLCL
tEHQZ
Data float after ENABLE
0
48tCLCL
tGHGL
PROG high to PROG low
10
µs
PROGRAMMING
*
VERIFICATION
*
ADDRESS
ADDRESS
DATA IN
DATA OUT
LOGIC 1
LOGIC 1
LOGIC 0
tAVQV
tEHQZ
tELQV
tSHGL
tGHSL
tGLGH
tGHGL
tAVGL
tGHAX
tDVGL
tGHDX
P1.0–P1.7
P2.0–P2.4
PORT 0
ALE/PROG
EA/VPP
P2.7
ENABLE
SU00020
tEHSH
NOTE:
*
FOR PROGRAMMING VERIFICATION SEE FIGURE 13.
FOR VERIFICATION CONDITIONS SEE FIGURE 15.
Figure 16. EPROM Programming and Verification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com