Electronic Components Datasheet Search
  English  ▼

X  

83C451 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 83C451
Description  80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C451 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 83C451 Datasheet HTML 7Page - NXP Semiconductors 83C451 Datasheet HTML 8Page - NXP Semiconductors 83C451 Datasheet HTML 9Page - NXP Semiconductors 83C451 Datasheet HTML 10Page - NXP Semiconductors 83C451 Datasheet HTML 11Page - NXP Semiconductors 83C451 Datasheet HTML 12Page - NXP Semiconductors 83C451 Datasheet HTML 13Page - NXP Semiconductors 83C451 Datasheet HTML 14Page - NXP Semiconductors 83C451 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Philips Semiconductors
Product specification
80C451/83C451/87C451
80C51 8-bit microcontroller family
4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
11
AC ELECTRICAL CHARACTERISTICS1
Tamb = 0°C to +70°C, VCC = 5V ±10%, VSS = 0V (87C451, 83C451, 80C451)2
12MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
Oscillator frequency:
Speed Versions
SC8XC451
C
3.5
12
MHz
SC8XC451
G
3.5
16
MHz
tLHLL
2
ALE pulse width
127
2tCLCL–40
ns
tAVLL
2
Address valid to ALE low
28
tCLCL–55
ns
tLLAX
2
Address hold after ALE low
48
tCLCL–35
ns
tLLIV
2
ALE low to valid instruction in
234
4tCLCL–100
ns
tLLPL
2
ALE low to PSEN low
43
tCLCL–40
ns
tPLPH
2
PSEN pulse width
205
3tCLCL–45
ns
tPLIV
2
PSEN low to valid instruction in
145
3tCLCL–105
ns
tPXIX
2
Input instruction hold after PSEN
0
0
ns
tPXIZ
2
Input instruction float after PSEN
59
tCLCL–25
ns
tAVIV
2
Address to valid instruction in
312
5tCLCL–105
ns
tPLAZ
2
PSEN low to address float
10
10
ns
Data Memory
tRLRH
3, 4
RD pulse width
400
6tCLCL–100
ns
tWLWH
3, 4
WR pulse width
400
6tCLCL–100
ns
tRLDV
3, 4
RD low to valid data in
252
5tCLCL–165
ns
tRHDX
3, 4
Data hold after RD
0
0
ns
tRHDZ
3, 4
Data float after RD
97
2tCLCL–70
ns
tLLDV
3, 4
ALE low to valid data in
517
8tCLCL–150
ns
tAVDV
3, 4
Address to valid data in
585
9tCLCL–165
ns
tLLWL
3, 4
ALE low to RD or WR low
200
300
3tCLCL–50
3tCLCL+50
ns
tAVWL
3, 4
Address valid to WR low or RD low
203
4tCLCL–130
ns
tQVWX
3, 4
Data valid to WR transition
23
tCLCL–60
ns
tWHQX
3, 4
Data hold after WR
33
tCLCL–50
ns
tRLAZ
3, 4
RD low to address float
0
0
ns
tWHLH
3, 4
RD or WR high to ALE high
43
123
tCLCL–40
tCLCL+40
ns
Shift Register
tXLXL
5
Serial port clock cycle time
1.0
12tCLCL
µs
tQVXH
5
Output data setup to clock rising edge
700
10tCLCL–133
ns
tXHQX
5
Output data hold after clock rising edge
50
2tCLCL–117
ns
tXHDX
5
Input data hold after clock rising edge
0
0
ns
tXHDV
5
Clock rising edge to input data valid
700
10tCLCL–133
ns
NOTES: SEE NEXT PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com