Electronic Components Datasheet Search
  English  ▼

X  

AT45DB641E Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 40Page - Renesas Technology Corp AT45DB641E Datasheet HTML 41Page - Renesas Technology Corp AT45DB641E Datasheet HTML 42Page - Renesas Technology Corp AT45DB641E Datasheet HTML 43Page - Renesas Technology Corp AT45DB641E Datasheet HTML 44Page - Renesas Technology Corp AT45DB641E Datasheet HTML 45Page - Renesas Technology Corp AT45DB641E Datasheet HTML 46Page - Renesas Technology Corp AT45DB641E Datasheet HTML 47Page - Renesas Technology Corp AT45DB641E Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
44
AT45DB641E
DS-45DB641E-027N–DFLASH–2/2022
16.
Power-On/Reset State
When power is first applied to the device, or when recovering from a reset condition, the output pin (SO) will be in a high
impedance state, and a high-to-low transition on the CSB pin will be required to start a valid instruction. The SPI mode
(Mode 3 or Mode 0) will be automatically selected on every falling edge of CSB by sampling the inactive clock state.
16.1
Power-Up/Power-Down Voltage and Timing Requirements
During power-up, the device must not be READ for at least the minimum t
VCSL time after the supply voltage reaches the
minimum V
POR level (VPOR min). While the device is being powered-up, the internal Power-On Reset (POR) circuitry
keeps the device in a reset mode until the supply voltage rises above the minimum V
cc. During this time, all operations
are disabled and the device will not respond to any commands.
If the first operation to the device after power-up will be a program or erase operation, then the operation cannot be
started until the supply voltage reaches the minimum V
CC level and an internal device delay has elapsed. This delay will
be a maximum time of t
PUW. After the tPUW time, the device will be in the standby mode if CSB is at logic high or active
mode if CSB is at logic low. For the case of Power-down then Power-up operation, or if a power interruption occurs (such
that VCC drops below VPOR max), the Vcc of the Flash device must be maintained below VPWD for at least the minimum
specified T
PWD time. This is to ensure the Flash device will reset properly after a power interruption.
Table 16-1. Voltage and Timing Requirements for Power-Up/Power-Down
Figure 16-1. Power-Up Timing
Symbol
Parameter
Min
Max
Units
V
PWD
(1)
1.
Not 100% tested (value guaranteed by design and characterization).
V
CC for device initialization
1.0
V
t
PWD
(1)
Minimum duration for device initialization
300
µs
t
VCSL
Minimum V
CC to chip select low time for Read command
70
µs
t
VR
(1)
V
CC rise time
1
500000
µs/V
V
POR
Power on reset voltage
1.45
1.6
V
t
PUW
Power up delay time before Program or Erase is allowed
3
ms
VCC
V
POR max
Max V
PWD
Chip Select Not Permitted
Time
t
PWD
t
PUW
Full Operation Permitted
t
VR
t
VCSL
Read Operation
Permitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com