Electronic Components Datasheet Search
  English  ▼

X  

AT45DB641E Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 12Page - Renesas Technology Corp AT45DB641E Datasheet HTML 13Page - Renesas Technology Corp AT45DB641E Datasheet HTML 14Page - Renesas Technology Corp AT45DB641E Datasheet HTML 15Page - Renesas Technology Corp AT45DB641E Datasheet HTML 16Page - Renesas Technology Corp AT45DB641E Datasheet HTML 17Page - Renesas Technology Corp AT45DB641E Datasheet HTML 18Page - Renesas Technology Corp AT45DB641E Datasheet HTML 19Page - Renesas Technology Corp AT45DB641E Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
16
AT45DB641E
DS-45DB641E-027N–DFLASH–2/2022
Table 6-4.
Operations Allowed and Not Allowed During Suspend
Command
Operation During
Program Suspend in
Buffer 1 (PS1)
Operation During
Program Suspend in
Buffer 2 (PS2)
Operation During
Erase Suspend (ES)
Read Commands
Read Array (All Opcodes)
Allowed
Allowed
Allowed
Read Buffer 1 (All Opcodes)
Allowed
Allowed
Allowed
Read Buffer 2 (All Opcodes)
Allowed
Allowed
Allowed
Program and Erase Commands
Buffer 1 Write
Not Allowed
Allowed
Allowed
Buffer 2 Write
Allowed
Not Allowed
Allowed
Buffer 1 to Memory Program w/ Erase
Not Allowed
Not Allowed
Not Allowed
Buffer 2 to Memory Program w/ Erase
Not Allowed
Not Allowed
Not Allowed
Buffer 1 to Memory Program w/o Erase
Not Allowed
Not Allowed
Allowed
Buffer 2 to Memory Program w/o Erase
Not Allowed
Not Allowed
Allowed
Memory Program through Buffer 1 w/ Erase
Not Allowed
Not Allowed
Not Allowed
Memory Program through Buffer 2 w/ Erase
Not Allowed
Not Allowed
Not Allowed
Memory Program through Buffer 1 w/o Erase
Not Allowed
Not Allowed
Allowed
Auto Page Rewrite through Buffer 1
Not Allowed
Not Allowed
Not Allowed
Auto Page Rewrite through Buffer 2
Not Allowed
Not Allowed
Not Allowed
Read-Modify-Write through Buffer 1
Not Allowed
Not Allowed
Not Allowed
Read-Modify-Write through Buffer 2
Not Allowed
Not Allowed
Not Allowed
Page Erase
Not Allowed
Not Allowed
Not Allowed
Block Erase
Not Allowed
Not Allowed
Not Allowed
Sector Erase
Not Allowed
Not Allowed
Not Allowed
Chip Erase
Not Allowed
Not Allowed
Not Allowed
Protection and Security Commands
Enable Sector Protection
Not Allowed
Not Allowed
Not Allowed
Disable Sector Protection
Not Allowed
Not Allowed
Not Allowed
Erase Sector Protection Register
Not Allowed
Not Allowed
Not Allowed
Program Sector Protection Register
Not Allowed
Not Allowed
Not Allowed
Read Sector Protection Register
Allowed
Allowed
Allowed
Sector Lockdown
Not Allowed
Not Allowed
Not Allowed
Read Sector Lockdown
Allowed
Allowed
Allowed
Freeze Sector Lockdown State
Not Allowed
Not Allowed
Not Allowed
Program Security Register
Not Allowed
Not Allowed
Not Allowed
Read Security Register
Allowed
Allowed
Allowed
Additional Commands
Main Memory to Buffer 1 Transfer
Not Allowed
Allowed
Allowed
Main Memory to Buffer 2 Transfer
Allowed
Not Allowed
Allowed
Main Memory to Buffer 1 Compare
Not Allowed
Allowed
Allowed
Main Memory to Buffer 2 Compare
Allowed
Not Allowed
Allowed
Enter Deep Power-Down
Not Allowed
Not Allowed
Not Allowed
Resume from Deep Power-Down
Not Allowed
Not Allowed
Not Allowed
Enter Ultra-Deep Power-Down mode
Not Allowed
Not Allowed
Not Allowed
Read Configuration Register
Allowed
Allowed
Allowed
Read Status Register
Allowed
Allowed
Allowed
Read Manufacturer and Device ID
Allowed
Allowed
Allowed
Reset (via Hardware or Software)
Allowed
Allowed
Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com