Electronic Components Datasheet Search
  English  ▼

X  

CD14538BMS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # CD14538BMS
Description  CMOS Dual Precision Monostable Multivibrator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD14538BMS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button CD14538BMS Datasheet HTML 2Page - Renesas Technology Corp CD14538BMS Datasheet HTML 3Page - Renesas Technology Corp CD14538BMS Datasheet HTML 4Page - Renesas Technology Corp CD14538BMS Datasheet HTML 5Page - Renesas Technology Corp CD14538BMS Datasheet HTML 6Page - Renesas Technology Corp CD14538BMS Datasheet HTML 7Page - Renesas Technology Corp CD14538BMS Datasheet HTML 8Page - Renesas Technology Corp CD14538BMS Datasheet HTML 9Page - Renesas Technology Corp CD14538BMS Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CD14538BMS
FN3192 Rev 0.00
Page 9 of 10
November 1994
FIGURE 10. TYPICAL TRANSITION TIME AS A FUNCTION OF
LOAD CAPACITANCE
FIGURE 11. TYPICAL PULSE-WIDTH VARIATION AS A
FUNCTION OF SUPPLY VOLTAGE
FIGURE 12. TYPICAL PULSE-WIDTH VARIATION AS A FUNCTION OF
TEMPERATURE (RX = 100 K
, CX = 0.1F)
FIGURE 13. TYPICAL PULSE-WIDTH VARIATION AS A FUNCTION OF
TEMPERATURE (RX = 100 K
, CX = 2000pF)
FIGURE 14. TYPICAL TOTAL SUPPLY CURRENT AS A FUNCTION
OF OUTPUT DUTY CYCLE
FIGURE 15. TYPICAL TOTAL SUPPLY CURRENT AS A FUNCTION
OF LOAD CAPACITANCE
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25oC
LOAD CAPACITANCE (CL) (pF)
0
40
6080100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
AMBIENT TEMPERATURE (TA) = +25oC
-3
-2
-1
0
1
2
3
46
8
10
12
14
16
18
20
VDD SUPPLY VOLTAGE (VOLTS)
SUPPLY VOLTAGE (VDD) = 15V
10V
5V
-3
-2
-1
0
1
2
3
-60
-40
-20
0
20
40
60
80
100
120 140
AMBIENT TEMPERATURE (oC)
SUPPLY VOLTAGE (VDD) = 5V
10V
5V
-60
-40
-20
0
20
40
60
80
100
120 140
AMBIENT TEMPERATURE (oC)
-3
-2
-1
0
1
2
3
CL = 50pF, RL = 200K
RX = 100K
AMBIENT TEMPERATURE (TA) =25oC
ONE MONOSTABLE OPERATING
SUPPLY VOLTAGE
(VDD) = 5V
15V
18V
10V
1000
100
10
1
0.1
0.01
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
6
4
2
8
6
4
2
8
6
4
2
8
6
4
28
6
4
28
6
4
28
6
4
2
0.0001
0.001
0.01
0.1
1
10
100
OUTPUT DUTY CYCLE (%)
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
28
6
4
28
6
4
28
6
4
28
6
4
2
1000
100
10
0
CX CAPACITANCE (pfs)
10
100
1000
10K
100K
RX = 100K
TA = +25oC
SUPPLY VOLTAGE (VDD) = 15V
5V
10V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com