Electronic Components Datasheet Search
  English  ▼

X  

CD14538BMS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CD14538BMS
Description  CMOS Dual Precision Monostable Multivibrator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD14538BMS Datasheet(HTML) 1 Page - Renesas Technology Corp

  CD14538BMS Datasheet HTML 1Page - Renesas Technology Corp CD14538BMS Datasheet HTML 2Page - Renesas Technology Corp CD14538BMS Datasheet HTML 3Page - Renesas Technology Corp CD14538BMS Datasheet HTML 4Page - Renesas Technology Corp CD14538BMS Datasheet HTML 5Page - Renesas Technology Corp CD14538BMS Datasheet HTML 6Page - Renesas Technology Corp CD14538BMS Datasheet HTML 7Page - Renesas Technology Corp CD14538BMS Datasheet HTML 8Page - Renesas Technology Corp CD14538BMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN3192 Rev 0.00
Page 1 of 10
November 1994
FN3192
Rev 0.00
November 1994
CD14538BMS
CMOS Dual Precision Monostable Multivibrator
DATASHEET
Features
• High-Voltage Type (20V Rating)
• Retriggerable/Resettable Capability
• Trigger and Reset Propagation Delays Independent of
RX, CX
• Triggering From Leading or Trailing Edge
• Q and Q Buffered Outputs Available
• Separate Resets
• Wide Range of Output-Pulse Widths
• Schmitt-Trigger Input Allows Unlimited Rise and Fall
Times On +TR and -TR Inputs
• 100% Tested For Maximum Quiescent Current at 20V
• Maximum Input Current of 1
A at 18V Over Full Pack-
age-Temperature Range:
- 100nA at 18V and +25oC
• Noise Margin (Full Package-Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• Meets All Requirements of JEDEC Tentative Standards
No. 13B, “Standard Specifications for Description of “B”
Series CMOS Device’s
Applications
• Pulse Delay and Timing
• Pulse Shaping
Functional Diagram
Description
CD14538BMS dual precision monostable multivibrator provides stable
retriggerable/resettable one-shot operation for any fixed-voltage timing
application.
An external resistor (RX) and an external capacitor (CX) control the tim-
ing and accuracy for the circuit. Adjustment of RX and CX provides a
wide range of output pulse widths from the Q and Q terminals. The
time delay from trigger input to output transition (trigger propagation
delay) and the time delay from reset input to output transition (reset
propagation delay) are independent of RX and CX. Precision control of
output pulse widths is achieved through linear CMOS techniques.
Leading-edge-triggering (+TR) and trailing-edge-triggering (-TR) inputs
are provided for triggering from either edge of an input pulse. An
unused +TR input should be tied to VSS. An unused -TR input should
be tied to VDD. A RESET (on low level) is provided for immediate ter-
mination of the output pulse or to prevent output pulses when power is
turned on. An unused RESET input should be tied to VDD. However, if
an entire section of the CD14538BMS is not used, its inputs must be
tied to either VDD or VSS. See Table 1.
In normal operation the circuit retriggers (extends the output pulse one
period) on the application of each new trigger pulse. For operation in
the non-retriggerable mode, Q is connected to -TR when leading-edge
triggering (+TR) is used or Q is connected to +TR when trailing-edge
triggering (-TR) is used. The time period (T) for this multivibrator can be
calculated by: T = RXCX.
The minimum value of external resistance, RX is 4K. The minimum
and maximum values of external capacitance, CX, are 0pF and 100F,
respectively.
The CD14538BMS is interchangeable with type MC14538 and is simi-
lar to and pin-compatible with the CD4098B* and CD4538B**.
* T = 0.5 RXCX for CX  1000pF.
*T = RXCX; CX min = 5000pF.
The CD14538BMS is supplied in these 16-lead outline packages:
Pinout
MONO1
MONO2
CX1
RX1
VDD
2
1RXCX(1)
6
7
10
9
4
5
3
12
11
13
15 14 RXCX(2)
VDD
CX2
RX2
Q1
Q1
Q2
Q2
+TR
-TR
RESET
+TR
-TR
RESET
VDD = 16
VSS = 8
Braze Seal DIP
H4X
Frit Seal DIP
H1L
Ceramic Flatpack H6W
CD14538BMS
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CX1
RXCX (1)
RESET (1)
+TR (1)
-TR (1)
Q1
VSS
Q1
VDD
RXCX (2)
RESET (2)
+TR (2)
-TR (2)
Q2
Q2
CX2


Similar Part No. - CD14538BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD14538BMS INTERSIL-CD14538BMS Datasheet
76Kb / 9P
CMOS Dual Precision Monostable Multivibrator
November 1994
More results

Similar Description - CD14538BMS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
Dual precision monostable multivibrator
January 1995
logo
Texas Instruments
CD14538B TI-CD14538B Datasheet
341Kb / 8P
CMOS Dual Precision Monostable Multivibrator
logo
Intersil Corporation
CD14538BMS INTERSIL-CD14538BMS Datasheet
76Kb / 9P
CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538 TI-CD14538 Datasheet
638Kb / 14P
CMOS DUAL PRECISION MONOSTABLE MULTIVIBRATOR
CD14538BM96G4 TI1-CD14538BM96G4 Datasheet
1Mb / 20P
CMOS Dual Precision Monostable Multivibrator
logo
NXP Semiconductors
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
Dual precision monostable multivibrator
Rev. 6-15 November 2011
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
Dual precision monostable multivibrator
Rev. 9-10 December 2013
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
Texas Instruments
CD14538B TI1-CD14538B Datasheet
1Mb / 19P
CMOS Dual Precision Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com