Electronic Components Datasheet Search
  English  ▼

X  

CD4098BMS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # CD4098BMS
Description  CMOS Dual Monostable Multivibrator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4098BMS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button CD4098BMS Datasheet HTML 3Page - Renesas Technology Corp CD4098BMS Datasheet HTML 4Page - Renesas Technology Corp CD4098BMS Datasheet HTML 5Page - Renesas Technology Corp CD4098BMS Datasheet HTML 6Page - Renesas Technology Corp CD4098BMS Datasheet HTML 7Page - Renesas Technology Corp CD4098BMS Datasheet HTML 8Page - Renesas Technology Corp CD4098BMS Datasheet HTML 9Page - Renesas Technology Corp CD4098BMS Datasheet HTML 10Page - Renesas Technology Corp CD4098BMS Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CD4098BMS
FN3332 Rev 0.00
Page 10 of 11
December 1992
FIGURE 10. TYPICAL MINIMUM RESET PULSE WIDTH vs EXTERNAL CAPACITANCE
FIGURE 11. AVERAGE POWER DISSIPATION vs ONE-SHOT PULSE WIDTH
Applications
FIGURE 12. PULSE DELAY
Typical Performance Characteristics (Continued)
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
AMBIENT TEMPERATURE (TA) = +25oC
CL = 50pF RX = 100K
FREQUENCY = 100KHz
RISE TIME (tr), FALL (tf) = 20ns
10
24 6 8
102
24 6 8
103
24 6 8
104
24 6 8
105
EXTERNAL CAPACITANCE (CX) (pF)
10
2
4
6
8
102
2
4
6
8
103
2
4
6
8
104
2
4
6
8
105
106
6
4
2
105
6
4
2
104
6
4
2
103
6
4
2
102
10
6
4
2
1
8
102
6
4
28
103
6
4
28
104
6
4
28
105
6
4
28
ONE-SHOT PULSE WIDTH (
m) (s)
AMBIENT TEMPERATURE (TA) = +25oC
RX = 5K
 TO 1M
CL = 50pF
VDD = 5V
= 10V
= 15V
CX = 100pF
1
F
0.1
F
0.01
F
1000pF
m
T
To calculate average power dissipation(P)
for less than 100% duty cycle:
P100 = average power for 100% duty
cycle:
P =
( tm )P100 where m = one shot pulse
width
T
T = trigger pulse period
e.g. For m = 600
s, tT = 1000s. CX = 0.01mF
VDD = 5V
P1 =
( 600 )103W=600W(seedottedlineon
graph)
1000
MONO 1
4
5
3
+TR
VDD
RX1
12
6
Q
CX1
MONO 2
11
12
13
-TR
VDD
RX2
15
14
10
Q
CX2
VSS
VDD
VDD
OUTPUT
T1
T2
INPUT PULSE
OUTPUT PULSE
T1
2
RX1 CX1
T2
2
RX2 CX2
CX
 0.01F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com