Electronic Components Datasheet Search
  English  ▼

X  

CD4099BMS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CD4099BMS
Description  CMOS 8-Bit Addressable Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4099BMS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button CD4099BMS Datasheet HTML 2Page - Renesas Technology Corp CD4099BMS Datasheet HTML 3Page - Renesas Technology Corp CD4099BMS Datasheet HTML 4Page - Renesas Technology Corp CD4099BMS Datasheet HTML 5Page - Renesas Technology Corp CD4099BMS Datasheet HTML 6Page - Renesas Technology Corp CD4099BMS Datasheet HTML 7Page - Renesas Technology Corp CD4099BMS Datasheet HTML 8Page - Renesas Technology Corp CD4099BMS Datasheet HTML 9Page - Renesas Technology Corp CD4099BMS Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CD4099BMS
FN3333 Rev 0.00
Page 6 of 10
December 1992
Logic Diagram
FIGURE 1. LOGIC DIAGRAM OF CD4099BMS AND DETAIL OF 1 OF 8 LATCHES
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
 -0.5V
OSCILLATOR
50kHz
25kHz
Static Burn-In 1
Note 1
1, 9-15
2-8
16
Static Burn-In 2
Note 1
1, 9-15
8
2-7, 16
Dynamic Burn-
In Note 1
-
5-8
16
1, 9-15
2, 4
3
Irradiation
Note 2
1, 9-15
8
2-7, 16
NOTES:
1. Each pin except VDD and GND will have a series resistor of 10K
 5%, VDD = 18V  0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
 0.5V
A0
A1
A2
LATCH
0
D
WD
R
9
Q0
A0
A1
A2
LATCH
1
D
WD
R
10
Q1
A0
A1
A2
LATCH
2
D
WD
R
11
Q2
A0
A1
A2
LATCH
3
D
WD
R
12
Q3
A0
A1
A2
LATCH
4
D
WD
R
13
Q4
A0
A1
A2
LATCH
5
D
WD
R
14
Q5
A0
A1
A2
LATCH
6
D
WD
R
15
Q6
A0
A1
A2
LATCH
7
D
WD
R
1
Q7
A0
A0
A0
5
*
A1
A1
A1
6
*
A2
A2
A2
7
*
D
DATA
3
*
WD
WRITE DISABLE
4
*
R
RESET
2
*
VSS = 8
VDD = 16
R
ADDRESS
WD
DATA
p
n
p
n
Q
VDD
VSS
*ALL INPUTS ARE PROTECTED
BY CMOS PROTECTION
NETWORK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com