Electronic Components Datasheet Search
  English  ▼

X  

CD4099BMS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CD4099BMS
Description  CMOS 8-Bit Addressable Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4099BMS Datasheet(HTML) 1 Page - Renesas Technology Corp

  CD4099BMS Datasheet HTML 1Page - Renesas Technology Corp CD4099BMS Datasheet HTML 2Page - Renesas Technology Corp CD4099BMS Datasheet HTML 3Page - Renesas Technology Corp CD4099BMS Datasheet HTML 4Page - Renesas Technology Corp CD4099BMS Datasheet HTML 5Page - Renesas Technology Corp CD4099BMS Datasheet HTML 6Page - Renesas Technology Corp CD4099BMS Datasheet HTML 7Page - Renesas Technology Corp CD4099BMS Datasheet HTML 8Page - Renesas Technology Corp CD4099BMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN3333 Rev 0.00
Page 1 of 10
December 1992
FN3333
Rev 0.00
December 1992
CD4099BMS
CMOS 8-Bit Addressable Latch
DATASHEET
Features
• High Voltage Type (20V Rating)
• Serial Data Input
• Active Parallel Output
• Storage Register Capability
• Master Clear
• Can Function as Demultiplexer
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• Maximum Input Current of 1
A at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Multi-Line Decoders
• A/D Converters
Description
CD4099BMS 8-bit addressable latch is a serial input, parallel
output storage register that can perform a variety of functions.
Data are inputted to a particular bit in the latch when that bit
is addressed (by means of inputs A0, A1, A2) and when
WRITE DISABLE is at a low level. When WRITE DISABLE is
high, data entry is inhibited; however, all 8 outputs can be
continuously read independent of WRITE DISABLE and
address inputs.
A master RESET input is available, which resets all bits to a
logic “0” level when RESET and WRITE DISABLE are at a
high level. When RESET is at a high level, and WRITE DIS-
ABLE is at a low level, the latch acts as a 1 of 8 demulti-
plexer; the bit that is addressed has an active output which
follows the data input, while all unaddressed bits are held to
a logic “0” level.
The CD4099BMS is supplied in these 16-lead outline packages:
Braze Seal DIP
H4X
Frit Seal DIP
H1F
Ceramic Flatpack
H6W
Pinout
CD4099BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Q7
RESET
DATA
WRITE DISABLE
A0
A1
VSS
A2
VDD
Q5
Q4
Q3
Q2
Q1
Q0
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q6
Q7
14
13
12
11
10
9
15
1
4
3
DECODER
DATA
WRITE DISABLE
2
RESET
VDD = 16
VSS = 8
A2
A1
A0
7
6
5
8
8 LATCHES


Similar Part No. - CD4099BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4099BMS INTERSIL-CD4099BMS Datasheet
110Kb / 10P
CMOS 8-Bit Addressable Latch
December 1992
More results

Similar Description - CD4099BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4099B TI-CD4099B Datasheet
237Kb / 5P
CMOS 8-BIT ADDRESSABLE LATCH
CD4724B TI-CD4724B Datasheet
262Kb / 5P
CMOS 8-BIT ADDRESSABLE LATCH
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Intersil Corporation
CD4099BMS INTERSIL-CD4099BMS Datasheet
110Kb / 10P
CMOS 8-Bit Addressable Latch
December 1992
CD4724BMS INTERSIL-CD4724BMS Datasheet
109Kb / 10P
CMOS 8-Bit Addressable Latch
December 1992
logo
Texas Instruments
CD4099B TI-CD4099B_12 Datasheet
969Kb / 17P
CMOS 8-BIT ADDRESSABLE LATCH
CD4724B TI-CD4724B_13 Datasheet
1,013Kb / 13P
CMOS 8-BIT ADDRESSABLE LATCH
CD4099BE TI-CD4099BE Datasheet
969Kb / 17P
CMOS 8-Bit Addressable Latch
CD4724BE TI-CD4724BE Datasheet
437Kb / 10P
CMOS 8-Bit Addressable Latch
CD4099B TI1-CD4099B_15 Datasheet
973Kb / 16P
CMOS 8-Bit Addressable Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com