Electronic Components Datasheet Search
  English  ▼

X  

CD4503BMS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CD4503BMS
Description  CMOS Hex Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4503BMS Datasheet(HTML) 4 Page - Renesas Technology Corp

  CD4503BMS Datasheet HTML 1Page - Renesas Technology Corp CD4503BMS Datasheet HTML 2Page - Renesas Technology Corp CD4503BMS Datasheet HTML 3Page - Renesas Technology Corp CD4503BMS Datasheet HTML 4Page - Renesas Technology Corp CD4503BMS Datasheet HTML 5Page - Renesas Technology Corp CD4503BMS Datasheet HTML 6Page - Renesas Technology Corp CD4503BMS Datasheet HTML 7Page - Renesas Technology Corp CD4503BMS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CD4503BMS
FN3335 Rev 0.00
Page 4 of 8
December 1992
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC, -
55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC, -
55oC
+7
-
V
Propagation Delay
TPHL
VDD = 10V
1, 2, 3
+25oC
-
50
ns
VDD = 15V
1, 2, 3
+25oC
-
35
ns
Propagation Delay
TPLH
VDD = 10V
1, 2, 3
+25oC
-
70
ns
VDD = 15V
1, 2, 3
+25oC
-
50
ns
Propagation Delay
TPHZ
TPZH
VDD = 10V
1, 2, 4
+25oC
-
60
ns
VDD = 15V
1, 2, 4
+25oC
-
50
ns
Propagation Delay
TPZL
TPLZ
VDD = 10V
1, 2, 4
+25oC
-
80
ns
VDD = 15V
1, 2, 4
+25oC
-
70
ns
Transition Time
TTHL
VDD = 10V
1, 2, 3
+25oC
-
40
ns
VDD = 15V
1, 2, 3
+25oC
-
25
ns
Transition Time
TTLH
VDD = 10V
1, 2, 3
+25oC
-
45
ns
VDD = 15V
1, 2, 3
+25oC
-
35
ns
Input Capacitance
CIN
Any Inputs
1, 2
+25oC-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on initial
design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
4. CL = 50pF, RL = 1K, Input TR, TF < 20ns.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC-
7.5
A
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
A1, 4
+25oC-2.8
-0.2
V
N Threshold Voltage
Delta
VTN
VDD = 10V, ISS = -10
A1, 4
+25oC-
1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10
A1, 4
+25oC0.2
2.8
V
P Threshold Voltage
Delta
VTP
VSS = 0V, IDD = 10
A1, 4
+25oC-
1V
Functional
F
VDD = 18V, VIN = VDD or GND
1
+25oCVOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25oC
PARAMETER
SYMBOL
DELTA LIMIT
Supply Current - MSI-1
IDD
 0.2A
Output Current (Sink)
IOL5
 20% x Pre-Test Reading
Output Current (Source)
IOH5A
 20% x Pre-Test Reading
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com