Electronic Components Datasheet Search
  English  ▼

X  

CD4512BMS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CD4512BMS
Description  CMOS Dual 4-Bit Latch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4512BMS Datasheet(HTML) 1 Page - Renesas Technology Corp

  CD4512BMS Datasheet HTML 1Page - Renesas Technology Corp CD4512BMS Datasheet HTML 2Page - Renesas Technology Corp CD4512BMS Datasheet HTML 3Page - Renesas Technology Corp CD4512BMS Datasheet HTML 4Page - Renesas Technology Corp CD4512BMS Datasheet HTML 5Page - Renesas Technology Corp CD4512BMS Datasheet HTML 6Page - Renesas Technology Corp CD4512BMS Datasheet HTML 7Page - Renesas Technology Corp CD4512BMS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FN3340 Rev 0.00
Page 1 of 8
December 1992
FN3340
Rev 0.00
December 1992
CD4512BMS
CMOS Dual 4-Bit Latch
DATASHEET
Pinout
CD4512BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
D0
D1
D2
D3
D4
D5
VSS
D6
VDD
SEL. OUTPUT
C
B
A
INHIBIT
D7
3-STATE DISABLE
3-STATE DISABLE
INHIBIT
D0-1
D1-2
D2-3
D3-4
D4-5
D5-6
D6-7
D7-9
A-11
B-12
C-13
10
15
14 SELECT
OUTPUT
VDD = 16
VSS = 8
CD4512BMS
CHANNELS
INPUTS
SELECT
CONTROL
Features
• High-Voltage Types (20-Volt Rating)
• 3-State Outputs
• Standardized, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• 5V, 10V, and 15V Parametric Ratings
• Maximum Input Current of 1
A at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and 25oC
• Noise Margin (Full Package-Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets all Requirements of JEDEC Tentative Standard
No. 13B, "Standard Specifications for Description of
‘B’ Series CMOS Devices"
Applications
• Digital Multiplexing
• Number-sequence Generation
• Signal Gating
Description
CD4512BMS is an 8-channel data selector featuring a three-
state output that can interface directly with, and drive, data
lines of bus-oriented systems.
The CD4512BMS is supplied in these 16 lead outline
packages:
Braze Seal DIP
H4S
Frit Seal DIP
H1E
Ceramic Flatpack
H3X


Similar Part No. - CD4512BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4512BMS INTERSIL-CD4512BMS Datasheet
67Kb / 8P
CMOS Dual 4-Bit Latch
December 1992
More results

Similar Description - CD4512BMS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9308 NSC-9308 Datasheet
121Kb / 6P
Dual 4-Bit Latch
93L08 NSC-93L08 Datasheet
99Kb / 4P
Dual 4-Bit Latch
logo
NXP Semiconductors
HEF4508B PHILIPS-HEF4508B Datasheet
107Kb / 9P
Dual 4-bit latch
January 1995
logo
Texas Instruments
CD4508B TI-CD4508B Datasheet
228Kb / 14P
CMOS DUAL 4-BIT LATCH
logo
Intersil Corporation
CD4508BMS INTERSIL-CD4508BMS Datasheet
85Kb / 9P
CMOS Dual 4-Bit Latch
December 1992
CD4512BMS INTERSIL-CD4512BMS Datasheet
67Kb / 8P
CMOS Dual 4-Bit Latch
December 1992
logo
National Semiconductor ...
54LS256 NSC-54LS256 Datasheet
127Kb / 6P
Dual 4-Bit Addressable Latch
logo
List of Unclassifed Man...
MMC4508 ETC1-MMC4508 Datasheet
167Kb / 5P
DUAL 4-BIT LATCH
logo
Texas Instruments
CD4508B TI1-CD4508B_15 Datasheet
1Mb / 15P
Cmos Dual 4-Bit Latch
logo
Motorola, Inc
MC14508B MOTOROLA-MC14508B Datasheet
205Kb / 7P
Dual 4-Bit Latch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com