Electronic Components Datasheet Search
  English  ▼

X  

CSPU877 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CSPU877
Description  1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPU877 Datasheet(HTML) 1 Page - Renesas Technology Corp

  CSPU877 Datasheet HTML 1Page - Renesas Technology Corp CSPU877 Datasheet HTML 2Page - Renesas Technology Corp CSPU877 Datasheet HTML 3Page - Renesas Technology Corp CSPU877 Datasheet HTML 4Page - Renesas Technology Corp CSPU877 Datasheet HTML 5Page - Renesas Technology Corp CSPU877 Datasheet HTML 6Page - Renesas Technology Corp CSPU877 Datasheet HTML 7Page - Renesas Technology Corp CSPU877 Datasheet HTML 8Page - Renesas Technology Corp CSPU877 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
IDTCSPU877
1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIALTEMPERATURERANGE
2006
Integrated Device Technology, Inc.
DSC-5962/38
c
IDTCSPU877
COMMERCIAL TEMPERATURE RANGE
1.8V PHASE LOCKED LOOP
DIFFERENTIAL 1:10 SDRAM
CLOCK DRIVER
OCTOBER 2006
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FUNCTIONAL BLOCK DIAGRAM
NOTE:
The Logic Detect (LD) powers down the device when a logic LOW is applied to both CLK and CLK.
DESCRIPTION:
The CSPU877 is a PLL based clock driver that acts as a zero delay buffer
to distribute one differential clock input pair(CLK, CLK ) to 10 differential
output pairs (Y [0:9], Y [0:9]) and one differential pair of feedback clock output
(FBOUT,FBOUT). Externalfeedbackpins(FBIN, FBIN)forsynchronization
oftheoutputstotheinputreferenceisprovided.OE,OS,andAVDDcontrolthe
power-down and test mode logic. When AVDD is grounded, the PLL is turned
off and bypassed for test mode purposes. When the differential clock inputs
(CLK,CLK)arebothatlogiclow,thisdevicewillenteralowpower-downmode.
In this mode, the receivers are disabled, the PLL is turned off, and the output
clockdriversaredisabled,resultinginacurrentconsumptiondeviceoflessthan
500
μA.
The CSPU877 requires no external components and has been optimised
forverylowphaseerror,skew,andjitter,whilemaintainingfrequencyandduty
cycle over the operating voltage and temperature range. The CSPU877,
designedforuseinbothmoduleassembliesandsystemmotherboardbased
solutions,providesanoptimumhigh-performanceclocksource.
The CSPU877 is available in Commercial Temperature Range (0°C to
+70°C). See Ordering Information for details.
FEATURES:
• 1 to 10 differential clock distribution
• Optimized for clock distribution in DDR2 (Double Data Rate)
SDRAM applications
• Operating frequency: 125MHz to 340MHz
• Very low skew:
≤≤≤≤≤40ps
• Very low jitter:
≤≤≤≤≤40ps
• 1.8V AVDD and 1.8V VDDQ
• CMOS control signal input
• Test mode enables buffers while disabling PLL
• Low current power-down mode
• Tolerant of Spread Spectrum input clock
• Available in 52-Ball VFBGA and 40-pin VFQFPN packages
APPLICATIONS:
• Meets or exceeds JEDEC standard 82-8 for registered DDR2
clock driver
• Along with SSTU32864/A, DDR2 register, provides complete
solution for DDR2 DIMMs
Y0
Y0
FBOUT
Y1
Y1
Y5
Y5
Y4
Y4
Y3
Y3
Y2
Y2
Y8
Y8
Y6
Y6
Y7
Y7
Y9
Y9
FBOUT
FBIN
FBIN
PLL
CLK
CLK
POWER
DOWN
AND
TEST
MODE
LOGIC
LD
AVDD
OE
OS
LD or OE
LD, OS, or OE
PLL BYPASS
10K
Ω -100KΩ


Similar Part No. - CSPU877

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSPU877A RENESAS-CSPU877A Datasheet
298Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPU877D RENESAS-CSPU877D Datasheet
292Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
AUGUST 2004
More results

Similar Description - CSPU877

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857C IDT-IDTCSPT857C Datasheet
143Kb / 15P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPUA877A IDT-IDTCSPUA877A Datasheet
116Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877A RENESAS-CSPU877A Datasheet
298Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPU877D RENESAS-CSPU877D Datasheet
292Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
AUGUST 2004
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPUA877A RENESAS-CSPUA877A Datasheet
318Kb / 15P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com