Electronic Components Datasheet Search
  English  ▼

X  

CSPU877 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CSPU877
Description  1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPU877 Datasheet(HTML) 2 Page - Renesas Technology Corp

  CSPU877 Datasheet HTML 1Page - Renesas Technology Corp CSPU877 Datasheet HTML 2Page - Renesas Technology Corp CSPU877 Datasheet HTML 3Page - Renesas Technology Corp CSPU877 Datasheet HTML 4Page - Renesas Technology Corp CSPU877 Datasheet HTML 5Page - Renesas Technology Corp CSPU877 Datasheet HTML 6Page - Renesas Technology Corp CSPU877 Datasheet HTML 7Page - Renesas Technology Corp CSPU877 Datasheet HTML 8Page - Renesas Technology Corp CSPU877 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
COMMERCIALTEMPERATURERANGE
IDTCSPU877
1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
PIN CONFIGURATION
52 BALL VFBGA PACKAGE LAYOUT
AB
C
E
F
G
H
J
K
D
6
Y7
FBIN FBOUT
Y6
FBOUT
Y6
Y8
Y8
Y7
FBIN
5
VDDQ
OE
GND
Y5
Y9
GND
4
Y9
Y5
VDDQ
3
Y4
Y0
VDDQ
2
Y0
Y4
GND
VDDQ
GND
1
Y1
Y1
AGND AVDD
CLK
CLK
Y3
Y3
Y2
Y2
OS
GND
GND
GND
GND
NB
NB
NB
NB
NB
NB
VDDQ
VDDQ VDDQ
GND
GND
NB
NB
GND
GND
VDDQ
VDDQ
VDDQ
VFBGA
TOP VIEW
0.65mm
TOP VIEW
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
F
G
H
J
K
1
2
3
4
5
6
1
3
2
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com