Electronic Components Datasheet Search
  English  ▼

X  

LTC4364 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4364
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4364 Datasheet(HTML) 4 Page - Analog Devices

  LTC4364 Datasheet HTML 1Page - Analog Devices LTC4364 Datasheet HTML 2Page - Analog Devices LTC4364 Datasheet HTML 3Page - Analog Devices LTC4364 Datasheet HTML 4Page - Analog Devices LTC4364 Datasheet HTML 5Page - Analog Devices LTC4364 Datasheet HTML 6Page - Analog Devices LTC4364 Datasheet HTML 7Page - Analog Devices LTC4364 Datasheet HTML 8Page - Analog Devices LTC4364 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
4 of 29
(TJ= -40°C to +150°C for the minimum and maximum values. TJA = 25°C for the typical values. VCATHODE = VVDDC =
VVDDA = 12V, VVSSA = VANODE= 0V unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
GATE Drive Output Low
Voltage
ΔVGATE(L)
CATHODE = 12V, IGATE = 1mA
5
50
mV
Propagation Delay,
CATHODE to GATE Rising
to 4V
tD,RISE
CATHODE = Step 1.5V to -0.2V,
CGATE= 10nF
550
1000
ns
CATHODE = Step 1.5V to -0.2V,
CGATE = 100nF
870
1500
GATE Rise Time, 1V to 4V
tRISE
CATHODE = Step 1.5V to -0.2V,
CGATE= 10nF
370
650
ns
CATHODE = Step 1.5V to -0.2V,
CGATE = 100nF
550
900
Propagation Delay,
CATHODE to GATE
Falling to 2V
tD,FALL
CATHODE = Step -0.1V to 0.1V,
CGATE = 10nF
130
260
ns
CATHODE = Step -0.1V to 0.1V,
CGATE = 100nF
330
660
GATE Fall Time, 9V to 2V
tFALL
CATHODE = Step -0.1V to 0.1V,
CGATE= 10nF
10
45
100
ns
CATHODE = Step -0.1V to 0.1V,
CGATE = 100nF
85
170
350
.
1
All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced
to VSSA unless otherwise specified. VSSA is the device ground and substrate.
2
The maximum VDDC to VSSA operating voltage is 60V. Users can add an external high-voltage depletion N-Channel
MOSFET to operate with input voltages above 60V. See the Operation at Voltages Above 60V section for more
details.
3
The minimum peak voltage of the VDDC input AC signal with respect to VSSA must ensure that the VDDA voltage
always exceeds 9V. The minimum VDDC peak voltage will depend upon application circuit architecture, parasitic
input inductance between the AC input supply and the VDDC pin, and VDDA hold-up capacitor value.
4
A DC supply voltage can be used to power the VDDA pin directly. In that case, the VDDC pin must be connected to
VSSA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com