Electronic Components Datasheet Search
  English  ▼

X  

LTC4364 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4364
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4364 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4364 Datasheet HTML 17Page - Analog Devices LTC4364 Datasheet HTML 18Page - Analog Devices LTC4364 Datasheet HTML 19Page - Analog Devices LTC4364 Datasheet HTML 20Page - Analog Devices LTC4364 Datasheet HTML 21Page - Analog Devices LTC4364 Datasheet HTML 22Page - Analog Devices LTC4364 Datasheet HTML 23Page - Analog Devices LTC4364 Datasheet HTML 24Page - Analog Devices LTC4364 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
21 of 29
Figure 31. DC Diode-OR Application Circuit for Battery Applications where ICC Generated Reverse Current is Problematic.
Dual Output Flyback Converter Provides Power for Each Input Without Generating Reverse Current into VIN1 and
VIN2.
Figure 32. Single-Diode, Half-Wave Rectifier Application Circuit, 48VP-P, 60Hz, 1A
VIN1
VOUT
VIN2
SW
RFB
VIN2
VIN1
VIN1
VIN2
M1
BUK7M15-60EX
CVDDA1
4.7µF
M2
BUK7M15-60EX
CVDDA2
4.7µF
R1
1 kΩ
D1
MBRS360
D4
1N4148
D3
MMSZ5252BT1G
CG1
10nF
CG2
10nF
COUT
300µF
D2
MBRS360
GATE CATHODE
VSSA
VDDA
VDDC
ANODE
LT4322
GATE CATHODE
VSSA
VDDA
VDDC
ANODE
LT4322
SW
VIN
EN/UVLO RFB
LT3001
GND
4V TO 32V
4V TO 32V
NEGATIVE VOLTAGE PROTECTION
VIN(NEG) = VOUT – 0
750313972
WURTH ELECTRONICS MIDCOM
3A
LOAD
+
VIN
VOUT
CVDDA
22µF
CG
10nF
COUT
3000µF
GATE CATHODE
VSSA
VDDA
VDDC
ANODE
LT4322
48V p-p
AC
60Hz
BUK7M15-60EX
1A
LOAD
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com