Electronic Components Datasheet Search
  English  ▼

X  

71256SA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 71256SA
Description  CMOS Static RAM 256K (32K x 8-Bit)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71256SA Datasheet(HTML) 1 Page - Renesas Technology Corp

  71256SA Datasheet HTML 1Page - Renesas Technology Corp 71256SA Datasheet HTML 2Page - Renesas Technology Corp 71256SA Datasheet HTML 3Page - Renesas Technology Corp 71256SA Datasheet HTML 4Page - Renesas Technology Corp 71256SA Datasheet HTML 5Page - Renesas Technology Corp 71256SA Datasheet HTML 6Page - Renesas Technology Corp 71256SA Datasheet HTML 7Page - Renesas Technology Corp 71256SA Datasheet HTML 8Page - Renesas Technology Corp 71256SA Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Jun.29.20
Features
◆
◆
◆
◆
◆
32K x 8 advanced high-speed CMOS static RAM
◆
◆
◆
◆
◆
Commercial (0° to 70°C) and Industrial (-40° to 85°C)
temperature options
◆
◆
◆
◆
◆
Equal access and cycle times
– Commercial: 12ns
– Commercial and Industrial: 15/20/25ns
◆
◆
◆
◆
◆
One Chip Select plus one Output Enable pin
◆
◆
◆
◆
◆
Bidirectional data inputs and outputs directly
TTL-compatible
◆
◆
◆
◆
◆
Low power consumption via chip deselect
◆
◆
◆
◆
◆
Commercial product available in 28-pin 300-mil Plastic DIP,
300 mil Plastic SOJ and TSOP packages
◆
◆
◆
◆
◆
Industrial product available in 28-pin 300 mil Plastic SOJ
and TSOP packages
◆
◆
◆
◆
◆
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆
◆
◆
◆
◆
Green parts available, see ordering information
Description
TheIDT71256SA isa262,144-bithigh-speedStaticRAMorganized
as32Kx8.Itisfabricatedusinghigh-performance,high-reliabilityCMOS
technology.Thisstate-of-the-arttechnology,combinedwithinnovative
circuitdesigntechniques,providesacost-effectivesolutionforhigh-speed
memory
.
The IDT71256SA has an output enable pin which operates as fast as
6ns,withaddress accesstimesasfastas12ns. Allbidirectionalinputsand
outputsoftheIDT71256SA areTTL-compatibleandoperationisfroma
single5Vsupply. Fullystaticasynchronouscircuitryisused,requiringno
clocks or refresh for operation.
The IDT71256SA is packaged in 28-pin 300-mil Plastic DIP, 28-pin
300milPlasticSOJandTSOP.
Functional Block Diagram
CMOS Static RAM
256K (32K x 8-Bit)
71256SA
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
I/O0- I/O7
CS
WE
OE
8
8
CONTROL
LOGIC
I/O CONTROL
262,144-BIT
MEMORY
ARRAY
ADDRESS
DECODER
2948 drw 01
,
needs.


Similar Part No. - 71256SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit)
More results

Similar Description - 71256SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
CMOS STATIC RAM 256K (32K x 8-BIT)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
logo
Integrated Device Techn...
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com