Electronic Components Datasheet Search
  English  ▼

X  

71256SA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 71256SA
Description  CMOS Static RAM 256K (32K x 8-Bit)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71256SA Datasheet(HTML) 2 Page - Renesas Technology Corp

  71256SA Datasheet HTML 1Page - Renesas Technology Corp 71256SA Datasheet HTML 2Page - Renesas Technology Corp 71256SA Datasheet HTML 3Page - Renesas Technology Corp 71256SA Datasheet HTML 4Page - Renesas Technology Corp 71256SA Datasheet HTML 5Page - Renesas Technology Corp 71256SA Datasheet HTML 6Page - Renesas Technology Corp 71256SA Datasheet HTML 7Page - Renesas Technology Corp 71256SA Datasheet HTML 8Page - Renesas Technology Corp 71256SA Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
71256SA
CMOS Static RAM 256K (32K x 8-Bit)
Commercial and Industrial Temperature Ranges
Jun.29.20
Absolute Maximum Ratings(1)
Pin Configurations(1)
DIP/SOJ
Top View
RecommendedOperating
Temperature and Supply Voltage
Recommended DC Operating
Conditions
Truth Table(1,2)
TSOP
Top View
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
Symbol
Rating
Value
Unit
VCC
Supply Voltage
Relative to GND
-0.5 to +7.0
V
VTERM
Terminal Voltage
Relative to GND
-0.5 to VCC+0.5
V
TBIAS
Temperature Under Bias
-55 to +125
o
C
TSTG
Storage Temperature
-55 to +125
o
C
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
50
mA
2948 tbl 02
NOTES:
1. H = VIH, L = VIL, x = Don't care.
2. VLC = 0.2V, VHC = VCC –0.2V.
3. Other inputs
≥VHC or ≤VLC.
CS
OE
WE
I/O
Function
LL
H
DATAOUT Read Data
LX
L
DATAIN
Write Data
L
H
H
High-Z
Outputs Disabled
H
X
X
High-Z
Deselected - Standby (ISB)
VHC(3)
X
X
High-Z
Deselected - Standby (ISB1)
2948 tbl 03
Grade
Temperature
GND
Vcc
Commercial
0OC to +70OC
0V
4.5V ± 5.5V
Industrial
-40OC to +85OC
0V
4.5V ± 5.5V
2948 tbl 01
NOTE:
1. VIL (min.) = –1.5V for pulse width less than 10ns, once per cycle.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
VCC +0.5
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2948 tbl 04
WE
CS
2948 drw 02
5
6
7
8
9
10
11
12
GND
1
2
3
4
24
23
22
21
20
19
18
17
PJG28
PTG28
13
14
28
27
26
25
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VCC
A14
A13
A8
A10
A11
OE
A12
I/O7
I/O6
I/O5
I/O4
I/O3
A9
16
15
71256SA
2948 drw 02a
22
23
24
25
26
27
28
1
2
3
4
5
7
6
21
20
19
18
17
16
15
14
13
12
11
10
9
8
A10
CS
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
PZG28
OE
A11
A9
A8
A13
A14
A7
A6
A5
A4
A3
A12
WE
VCC
,
71256SA
NOTE:
1. This text does not indicate orientation of actual part-marking.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com