Electronic Components Datasheet Search
  English  ▼

X  

83026AMILF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 83026AMILF
Description  Low Skew, 1-to-2, Differential-to-LVCMOS/LVTTL Fanout
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83026AMILF Datasheet(HTML) 1 Page - Renesas Technology Corp

  83026AMILF Datasheet HTML 1Page - Renesas Technology Corp 83026AMILF Datasheet HTML 2Page - Renesas Technology Corp 83026AMILF Datasheet HTML 3Page - Renesas Technology Corp 83026AMILF Datasheet HTML 4Page - Renesas Technology Corp 83026AMILF Datasheet HTML 5Page - Renesas Technology Corp 83026AMILF Datasheet HTML 6Page - Renesas Technology Corp 83026AMILF Datasheet HTML 7Page - Renesas Technology Corp 83026AMILF Datasheet HTML 8Page - Renesas Technology Corp 83026AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
©2015 Integrated Device Technology, Inc
December 15, 2015
General Description
The 83026I is a low skew, 1-to-2 Differential-to- LVCMOS/LVTTL
Fanout Buffer and a member of the family of High Performance
Clock Solutions from IDT.The differential input can accept most
differential signal types (LVDS, LVHSTL, LVPECL, SSTL, and HCSL)
and translate to two single-ended LVCMOS/LVTTL outputs with a
maximum output skew of 20ps. The small 8-lead SOIC footprint
makes this device ideal for use in applications with limited board
space.
Features
• Two LVCMOS/LVTTL outputs
• Differential CLK/nCLK input pair
• CLK/nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency: 350MHz (typical)
• Output skew: 20ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Additive phase jitter, RMS: 0.092ps (typical)
• Small 8 lead SOIC package saves board space
• Full 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
1
2
3
4
8
7
6
5
VDD
Q0
Q1
GND
nc
nCLK
nc
CLK
Q0
Q1
CLK
nCLK
Pulldown
Pullup
83026I
8-Lead SOIC, 150Mil
3.9mm x 4.9mm x 1.375mm package body
M Package
Top View
Pin Assignment
Block Diagram
83026I
Datasheet
Low Skew, 1-to-2,
Differential-to-LVCMOS/LVTTL Fanout


Similar Part No. - 83026AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83026AMILF IDT-83026AMILF Datasheet
311Kb / 12P
Differential-to-LVCMOS/LVTTL Fanout
83026AMILFT IDT-83026AMILFT Datasheet
311Kb / 12P
Differential-to-LVCMOS/LVTTL Fanout
More results

Similar Description - 83026AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS83026I-01 ICST-ICS83026I-01 Datasheet
239Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JANUARY 16, 2006
ICS83026I ICST-ICS83026I Datasheet
119Kb / 11P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B NOVEMBER 9, 2004
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01 Datasheet
694Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS8344-01 IDT-ICS8344-01_07 Datasheet
762Kb / 15P
Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
83948I RENESAS-83948I Datasheet
504Kb / 14P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com