Electronic Components Datasheet Search
  English  ▼

X  

8535-21 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 8535-21
Description  Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8535-21 Datasheet(HTML) 1 Page - Renesas Technology Corp

  8535-21 Datasheet HTML 1Page - Renesas Technology Corp 8535-21 Datasheet HTML 2Page - Renesas Technology Corp 8535-21 Datasheet HTML 3Page - Renesas Technology Corp 8535-21 Datasheet HTML 4Page - Renesas Technology Corp 8535-21 Datasheet HTML 5Page - Renesas Technology Corp 8535-21 Datasheet HTML 6Page - Renesas Technology Corp 8535-21 Datasheet HTML 7Page - Renesas Technology Corp 8535-21 Datasheet HTML 8Page - Renesas Technology Corp 8535-21 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
©2015 Integrated Device Technology, Inc.
Revision B, December 8, 2015
General Description
The 8535-21 is a low skew, high performance 1-to-2
LVCMOS/LVTTL-to-3.3V LVPECL fanout buffer. The 8535-21 has
two single-ended clock inputs. The single-ended clock input accepts
LVCMOS or LVTTL input levels and translate them to 3.3V LVPECL
levels. The clock enable is internally synchronized to eliminate runt
clock pulses on the output during asynchronous
assertion/deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics make the
8535-21 ideal for those applications demanding well defined
performance and repeatability.
Features
• Two differential 3.3V LVPECL outputs
• Selectable CLK0 or CLK1 inputs for redundant and multiple
frequency fanout applications
• CLK0 or CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 266MHz
• Translates LVCMOS and LVTTL levels to 3.3V LVPECL levels
• Output skew: 20ps (maximum)
• Part-to-part skew: 300ps (maximum)
• Propagation delay: 1.6ns (maximum)
• Additive phase jitter, RMS: 0.03ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in lead-free (RoHS 6)
Block Diagram
Q0
Q0
Q1
Q1
CLK_EN
CLK_SEL
CLK1
CLK0
D
LE
Q
0
1
Pullup
Pulludown
Pulludown
Pulludown
1
2
3
4
5
6
7
VEE
CLK_EN
CLK_SEL
CLK0
VEE
CLK1
VCC
14
13
12
11
10
9
8
VCC
Q0
Q0
nc
Q1
Q1
VCC
Pin Assignment
8535-21
14 Lead TSSOP
4.40mm x 5.0mm x 0.925mm package body
G Package
Top View
8535-21
Datasheet
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V
LVPECL CLock Generator


Similar Part No. - 8535-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8535-21 IDT-8535-21 Datasheet
394Kb / 15P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
More results

Similar Description - 8535-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
REV. A OCTOBER 20, 2004
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
87974I IDT-87974I Datasheet
245Kb / 16P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
8535-21 IDT-8535-21 Datasheet
394Kb / 15P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
87016 RENESAS-87016 Datasheet
865Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
01/21/20
87016I RENESAS-87016I Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
87974I RENESAS-87974I Datasheet
440Kb / 17P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
January 26, 2016
ICS8535I-21 RENESAS-ICS8535I-21 Datasheet
913Kb / 15P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO3.3V LVPECL CLOCK GENERATOR
NOVEMBER 24, 2008
8701 RENESAS-8701 Datasheet
373Kb / 14P
Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com