Electronic Components Datasheet Search
  English  ▼

X  

8535-21 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 8535-21
Description  Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8535-21 Datasheet(HTML) 2 Page - Renesas Technology Corp

  8535-21 Datasheet HTML 1Page - Renesas Technology Corp 8535-21 Datasheet HTML 2Page - Renesas Technology Corp 8535-21 Datasheet HTML 3Page - Renesas Technology Corp 8535-21 Datasheet HTML 4Page - Renesas Technology Corp 8535-21 Datasheet HTML 5Page - Renesas Technology Corp 8535-21 Datasheet HTML 6Page - Renesas Technology Corp 8535-21 Datasheet HTML 7Page - Renesas Technology Corp 8535-21 Datasheet HTML 8Page - Renesas Technology Corp 8535-21 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
©2015 Integrated Device Technology, Inc.
Revision B, December 8, 2015
8535-21 Datasheet
Pin Description and Pin Characteristic Tables
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 5
VEE
Power
Negative supply pins.
2
CLK_EN
Input
Pullup
Synchronizing clock enable. When HIGH, clock outputs follow clock input.
When LOW, Qx outputs are forced low, Qx outputs are forced high.
LVCMOS/LVTTL interface levels.
3
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects CLK1 input.
When LOW, selects CLK0 input. LVCMOS/LVTTL interface levels.
4, 6
CLK0, CLK1
Input
Pulldown
Single-ended clock inputs. LVCMOS/LVTTL interface levels.
7, 8, 14
VCC
Power
Power supply pins.
9, 10
Q1, Q1
Output
Differential output pair. LVPECL interface levels.
11
nc
Unused
No connect.
12, 13
Q0, Q0
Output
Differential output pair. LVPECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com