Electronic Components Datasheet Search
  English  ▼

X  

PES16NT2 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PES16NT2
Description  16-Lane 2-Port Non-Transparent PCI Express® Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PES16NT2 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PES16NT2 Datasheet HTML 9Page - Renesas Technology Corp PES16NT2 Datasheet HTML 10Page - Renesas Technology Corp PES16NT2 Datasheet HTML 11Page - Renesas Technology Corp PES16NT2 Datasheet HTML 12Page - Renesas Technology Corp PES16NT2 Datasheet HTML 13Page - Renesas Technology Corp PES16NT2 Datasheet HTML 14Page - Renesas Technology Corp PES16NT2 Datasheet HTML 15Page - Renesas Technology Corp PES16NT2 Datasheet HTML 16Page - Renesas Technology Corp PES16NT2 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13 of 29
January 5, 2009
IDT 89HPES16NT2 Data Sheet
DC Electrical Characteristics
Values based on systems running at recommended supply voltages, as shown in Table 12.
Note: See Table 7, Pin Characteristics, for a complete I/O listing.
I/O Type Parameter
Description
Min1
Typ1
Max1
Unit
Conditions
Serial Link
PCIe Transmit
VTX-DIFFp-p
Differential peak-to-peak output voltage
800
1200
mV
VTX-DE-RATIO
De-emphasized differential output voltage
-3
-4
dB
VTX-DC-CM
DC Common mode voltage
-0.1
1
3.7
V
VTX-CM-ACP
RMS AC peak common mode output volt-
age
20
mV
VTX-CM-DC-
active-idle-delta
Abs delta of DC common mode voltage
between L0 and idle
100
mV
VTX-CM-DC-line-
delta
Abs delta of DC common mode voltage
between D+ and D-
25
mV
VTX-Idle-DiffP
Electrical idle diff peak output
20
mV
Serial Link
(cont.)
VTX-RCV-Detect Voltage change during receiver detection
600
mV
RLTX-DIFF
Transmitter Differential Return loss
12
dB
RLTX-CM
Transmitter Common Mode Return loss
6
dB
ZTX-DEFF-DC
DC Differential TX impedance
80
100
120
Ω
ZOSE
Single ended TX Impedance
40
50
60
Ω
Transmitter Eye
Diagram
TX Eye Height (De-emphasized bits)
505
650
mV
Transmitter Eye
Diagram
TX Eye Height (Transition bits)
800
950
mV
PCIe Receive
VRX-DIFFp-p
Differential input voltage (peak-to-peak)
175
1200
mV
VRX-CM-AC
Receiver common-mode voltage for AC
coupling
150
mV
RLRX-DIFF
Receiver Differential Return Loss
15
dB
RLRX-CM
Receiver Common Mode Return Loss
6
dB
ZRX-DIFF-DC
Differential input impedance (DC)
80
100
120
Ω
ZRX-COMM-DC
Single-ended input impedance
40
50
60
Ω
ZRX-COMM-HIGH-
Z-DC
Powered down input common mode
impedance (DC)
200k
350k
Ω
VRX-IDLE-DET-
DIFFp-p
Electrical idle detect threshold
65
175
mV
PCIe REFCLK
CIN
Input Capacitance
1.5
—
pF
Table 16 DC Electrical Characteristics (Part 1 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com