Electronic Components Datasheet Search
  English  ▼

X  

PES16NT2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PES16NT2
Description  16-Lane 2-Port Non-Transparent PCI Express® Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PES16NT2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PES16NT2 Datasheet HTML 1Page - Renesas Technology Corp PES16NT2 Datasheet HTML 2Page - Renesas Technology Corp PES16NT2 Datasheet HTML 3Page - Renesas Technology Corp PES16NT2 Datasheet HTML 4Page - Renesas Technology Corp PES16NT2 Datasheet HTML 5Page - Renesas Technology Corp PES16NT2 Datasheet HTML 6Page - Renesas Technology Corp PES16NT2 Datasheet HTML 7Page - Renesas Technology Corp PES16NT2 Datasheet HTML 8Page - Renesas Technology Corp PES16NT2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2 of 29
January 5, 2009
IDT 89HPES16NT2 Data Sheet
◆
Reliability, Availability, and Serviceability (RAS) Features
– Internal end-to-end parity protection on all TLPs ensures data
integrity even in systems that do not implement end-to-end
CRC (ECRC)
– Supports ECRC pass-through
– Supports Hot-Swap
◆
Power Management
– Supports PCI Power Management Interface specification,
Revision 1.1 (PCI-PM)
– Unused SerDes are disabled
◆
Testability and Debug Features
– Built in SerDes Pseudo-Random Bit Stream (PRBS) generator
– Ability to read and write any internal register via the SMBus
– Ability to bypass link training and force any link into any mode
– Provides statistics and performance counters
◆
Two SMBus Interfaces
– Slave interface provides full access to all software-visible
registers by an external SMBus master
– Master interface provides connection for an optional serial
EEPROM used for initialization
– Master and slave interfaces may be tied together so the switch
can act as both master and slave
◆
Eight General Purpose Input/Output pins
◆
Packaged in a 23mm x 23mm 484-ball BCG with 1mm ball
spacing
Product Description
Utilizing standard PCI Express interconnect, the PES16NT2 provides
the most efficient high-performance I/O connectivity solution for applica-
tions requiring high throughput, low latency, and simple board layout
with a minimum number of board layers. With support for non-trans-
parent bridging, the PES16NT2 is part of the IDT PCIe System Intercon-
nect Products that target multi-host and intelligent I/O applications
requiring inter-domain communication. The PES16NT2 provides 64
Gbps (8 GBps) of aggregated, full-duplex switching capacity through 16
integrated serial lanes, using proven and robust IDT technology. Each
lane provides 2.5 Gbps of bandwidth in both directions and is fully
compliant with PCI Express Base specification 1.0a.
The PES16NT2 is based on a flexible and efficient layered architec-
ture. The PCI Express layer consists of SerDes, Physical, Data Link,
and Transaction layers in compliance with PCI Express Base specifica-
tion Revision 1.0a. The PES16NT2 can operate either as a store and
forward or cut-through switch depending on the packet size and is
designed to switch memory and I/O transactions. It supports eight Traffic
Classes (TCs) and one Virtual Channel (VC) with sophisticated resource
management.
Switch Configuration
The PES16NT2 is a two port switch that contains sixteen PCI
Express lanes. Each of the two ports is statically allocated eight lanes
with ports labeled as A and C. Port A is the upstream port and port C is
the non-transparent downstream port.
During link training, link width is automatically negotiated. Each
PES16NT2 port is capable of independently negotiating to a x8, x4, x2,
or x1 width. Thus, the PES16NT2 may be used in virtually any two port
switch configuration (e.g., {x8, x8}, {x4, x4}, {x4, x2}, etc.). The
PES16NT2 supports static lane reversal. For example, lane reversal for
upstream port A may be configured by asserting the PCI Express Port A
Lane Reverse (PEALREV) input signal or through serial EEPROM or
SMBus initialization. Lane reversal for port C may be enabled via a
configuration space register, serial EEPROM, or the SMBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com