Electronic Components Datasheet Search
  English  ▼

X  

CDC9841 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC9841
Description  PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC9841 Datasheet(HTML) 6 Page - Texas Instruments

  CDC9841 Datasheet HTML 1Page - Texas Instruments CDC9841 Datasheet HTML 2Page - Texas Instruments CDC9841 Datasheet HTML 3Page - Texas Instruments CDC9841 Datasheet HTML 4Page - Texas Instruments CDC9841 Datasheet HTML 5Page - Texas Instruments CDC9841 Datasheet HTML 6Page - Texas Instruments CDC9841 Datasheet HTML 7Page - Texas Instruments CDC9841 Datasheet HTML 8Page - Texas Instruments CDC9841 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CDC9841
PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER
WITH 3-STATE OUTPUTS
SCAS458D – DECEMBER 1994 – REVISED APRIL 1996
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.135 V
to 3.6 V,
TA = 0°C to 70°C
UNIT
()
()
MIN
MAX
t
†
PCLKn (CL = 20 pF)
200
ps
tskew†
BCLKn (CL = 30 pF)
400
ps
Offset†
PCLKn (CL = 20 pF)
BCLKn (CL = 30 pF)
1
4
ns
Jitt
†
PCLKn (CL = 20 pF)
±250
ps
Jitter
†
BCLKn (CL = 30 pF)
±350
ps
Duty cycle†
Any output
45%
55%
SEL0 = L, SEL1 = L
20
PCLKn (CL = 20 pF)
SEL0 = L, SEL1 = H
16.7
t
SEL0 = H, SEL1 = L
15
ns
tc
SEL0 = L, SEL1 = L
40
ns
BCLKn (CL = 30 pF)
SEL0 = L, SEL1 = H
33.3
SEL0 = H, SEL1 = L
30
t †‡
PCLKn (CL =20 pF) BCLKn (CL =30 pF)
2
ns
tr†‡
PCLKn (CL = 20 pF), BCLKn (CL = 30 pF)
2
ns
tf†‡
PCLKn (CL 20 pF) BCLKn (CL 30 pF)
2
ns
tf†‡
PCLKn (CL = 20 pF), BCLKn (CL = 30 pF)
2
ns
† Specifications are applicable only after the PLL stabilization time has elapsed.
‡ Rise and fall times are characterized using the load circuits shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com