Electronic Components Datasheet Search
  English  ▼

X  

CDC9841 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDC9841
Description  PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC9841 Datasheet(HTML) 2 Page - Texas Instruments

  CDC9841 Datasheet HTML 1Page - Texas Instruments CDC9841 Datasheet HTML 2Page - Texas Instruments CDC9841 Datasheet HTML 3Page - Texas Instruments CDC9841 Datasheet HTML 4Page - Texas Instruments CDC9841 Datasheet HTML 5Page - Texas Instruments CDC9841 Datasheet HTML 6Page - Texas Instruments CDC9841 Datasheet HTML 7Page - Texas Instruments CDC9841 Datasheet HTML 8Page - Texas Instruments CDC9841 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CDC9841
PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER
WITH 3-STATE OUTPUTS
SCAS458D – DECEMBER 1994 – REVISED APRIL 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
OE
SEL0
SEL1
X1
PCLKn
BCLKn
REFn
CLK24
CLK12
L
X
X
14.31818 MHz
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
H
L
L
14.31818 MHz
50 MHz
25 MHz
14.318 MHz
24 MHz
12 MHz
H
L
H
14.31818 MHz
60 MHz
30 MHz
14.318 MHz
24 MHz
12 MHz
H
H
L
14.31818 MHz
66 MHz
33 MHz
14.318 MHz
24 MHz
12 MHz
H
H
H
TCLK†
TCLK /2
TCLK /4
TCLK
TCLK /4
TCLK /8
† TCLK is a test clock input at the X1 input during test mode.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com