Electronic Components Datasheet Search
  English  ▼

X  

RHFL6000L Datasheet(PDF) 11 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RHFL6000L Datasheet HTML 7Page - STMicroelectronics RHFL6000L Datasheet HTML 8Page - STMicroelectronics RHFL6000L Datasheet HTML 9Page - STMicroelectronics RHFL6000L Datasheet HTML 10Page - STMicroelectronics RHFL6000L Datasheet HTML 11Page - STMicroelectronics RHFL6000L Datasheet HTML 12Page - STMicroelectronics RHFL6000L Datasheet HTML 13Page - STMicroelectronics RHFL6000L Datasheet HTML 14Page - STMicroelectronics RHFL6000L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Figure 7. Heavy-ion test configuration for VOUT < 1.25 V
Vi
INHIBIT
Isc
FILT C
GND
STAB
OCM
ADJ
Vo
RHFL6000L
VOUT
IN+
CFilt
R ISC
Vi
Vi
Vo
1
2
Cout1
Cout2
Cout5
Cout4
6
7
LOAD
R1
15
10
VIN
3
4
5
Cin1
Cin2
GND
Vo
Vo
VIN
GND
VIN
14
9
11
8
16
12
13
R2
Table 8. Bias configurations
Test mode
Bias conditions
SEL
VIN = 12 V, VOUT = 0.6 V, VINHIBIT = 0 V, IOUT = 5 mA
SET
VIN = 3.1 V, VOUT = 0.6 V, VINHIBIT = 0 V, IOUT = 100 mA
VIN = 3.1 V, VOUT = 0.6 V, VINHIBIT = 0 V, IOUT = 1 A
VIN = 3.75 V, VOUT = 0 V, VINHIBIT = 3.75 V
Table 9. Test configurations
Test mode
Test configurations
SEL
Sel configuration
CIN1 = 150 µF
COUT4 = COUT5 = 150 µF
CIN2 = COUT1 = COUT2 = 100 µF
R1 = 62 KΩ
R2 = 68 KΩ
Cfilt = 22 µF
RISC = 8.2 kΩ
Rload = 1.8 kΩ
SET
SET configuration
CIN1 = 150 µF
COUT4 = COUT5 = 150 µF
CIN2 = COUT1 = COUT2 = 100 µF
Cfilt = 22 µF
RISC = 8.2 kΩ
Rload = depending on bias conditions
R1 = 62 KΩ
RHFL6000L
Heavy-ions
DS14125 - Rev 1
page 11/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com