Electronic Components Datasheet Search
  English  ▼

X  

RHFL6000L Datasheet(PDF) 15 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 15 Page - STMicroelectronics

Back Button RHFL6000L Datasheet HTML 11Page - STMicroelectronics RHFL6000L Datasheet HTML 12Page - STMicroelectronics RHFL6000L Datasheet HTML 13Page - STMicroelectronics RHFL6000L Datasheet HTML 14Page - STMicroelectronics RHFL6000L Datasheet HTML 15Page - STMicroelectronics RHFL6000L Datasheet HTML 16Page - STMicroelectronics RHFL6000L Datasheet HTML 17Page - STMicroelectronics RHFL6000L Datasheet HTML 18Page - STMicroelectronics RHFL6000L Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
8.8
IN+
By shorting this pin to the FILT_C pin, it is possible to set the values of output voltage VOUT ≥ 1.25 V (see
Figure 3. Typical application diagram for Vout > 1.25 V and Figure 4. Typical application diagram for Vout =
1.25 V). For VOUT < 1.25 V output voltage settings, the external resistor divider is moved upstream to the error
amplifier and is connected between FILT_C, IN+ (as middle point), and GND pins, as shown in Figure 5. Typical
application diagram for Vout < 1.25 V. Regarding the selection of the current value flowing across the mentioned
resistor divider, IREF = 10 µA is the value suggested as a good tradeoff between temperature VOUT drift and
absolute VOUT = (1 + R2 / R1) * VREF limit.
Higher IREF increases VOUT temperature drift; conversely, the same VO becomes immune to the current into
the IN+ terminal. Lower IREF gets VOUT close to VREF and limits the temperature drift but makes this parameter
sensitive to the current into the IN+ terminals and could lead to an excessive TID drift of VOUT.
RHFL6000L
IN+
DS14125 - Rev 1
page 15/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com