Electronic Components Datasheet Search
  English  ▼

X  

SPC584NX Datasheet(PDF) 52 Page - STMicroelectronics

Part # SPC584NX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584NX Datasheet(HTML) 52 Page - STMicroelectronics

Back Button SPC584NX Datasheet HTML 48Page - STMicroelectronics SPC584NX Datasheet HTML 49Page - STMicroelectronics SPC584NX Datasheet HTML 50Page - STMicroelectronics SPC584NX Datasheet HTML 51Page - STMicroelectronics SPC584NX Datasheet HTML 52Page - STMicroelectronics SPC584NX Datasheet HTML 53Page - STMicroelectronics SPC584NX Datasheet HTML 54Page - STMicroelectronics SPC584NX Datasheet HTML 55Page - STMicroelectronics SPC584NX Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 158 page
background image
Electrical characteristics
SPC584Nx, SPC58ENx, SPC58NNx
52/158
DS11734 Rev 6
TUE12
CC
T
Total unadjusted error
in 12-bit
configuration(7)
TJ <150 °C,
VDD_HV_ADV >3V,
VDD_HV_ADR_S >3V
–4
4
LSB
(12b)
P
TJ <150 °C,
VDD_HV_ADV >3V,
VDD_HV_ADR_S >3V
–6
6
T
TJ <150 °C,
VDD_HV_ADV >3V,
3V>VDD_HV_ADR_S >2V
–6
6
T
TJ < 165 °C,
VDD_HV_ADV >3V,
VDD_HV_ADR_S >3V
–9
9
T
TJ <165 °C,
VDD_HV_ADV >3 V,
3V>VDD_HV_ADR_S >2V
–11
11
D
High frequency mode,
TJ <150 °C,
VDD_HV_ADV >3V,
VDD_HV_ADR_S >3V
–12
12
TUE10
CC
D
Total unadjusted error
in 10-bit
configuration(7)
Mode 1, TJ <150 °C,
VDD_HV_ADV >3V
VDD_HV_ADR_S >3V
–1.5
1.5
LSB
(10b)
D
Mode 1, TJ <150 °C,
VDD_HV_ADV >3V,
3V>VDD_HV_ADR_S >2V
–2.0
2.0
D
Mode 1, TJ < 165 °C,
VDD_HV_ADV >3V,
VDD_HV_ADR_S >3V
–2.5
2.5
D
Mode 1, TJ <165 °C,
VDD_HV_ADV >3 V,
3V>VDD_HV_ADR_S >2V
–3.5
3.5
C
Mode 2, TJ <150 °C,
VDD_HV_ADV >3V
VDD_HV_ADR_S >3V
–3.0
3.0
C
Mode 3, TJ <150 °C,
VDD_HV_ADV >3V
VDD_HV_ADR_S >3V
–4.0
4.0
Table 25. SARn ADC electrical specification (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com