Electronic Components Datasheet Search
  English  ▼

X  

SPC584NX Datasheet(PDF) 86 Page - STMicroelectronics

Part # SPC584NX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584NX Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SPC584NX Datasheet HTML 82Page - STMicroelectronics SPC584NX Datasheet HTML 83Page - STMicroelectronics SPC584NX Datasheet HTML 84Page - STMicroelectronics SPC584NX Datasheet HTML 85Page - STMicroelectronics SPC584NX Datasheet HTML 86Page - STMicroelectronics SPC584NX Datasheet HTML 87Page - STMicroelectronics SPC584NX Datasheet HTML 88Page - STMicroelectronics SPC584NX Datasheet HTML 89Page - STMicroelectronics SPC584NX Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 158 page
background image
Electrical characteristics
SPC584Nx, SPC58ENx, SPC58NNx
86/158
DS11734 Rev 6
3.16.3
Voltage monitors
The monitors and their associated levels for the device are given in Table 42. Figure 15
illustrates the workings of voltage monitoring threshold.
Figure 15. Voltage monitor threshold definition
IDDCLAMP CC D
SMPS regulator rush current
sinked from VDD_HV_IO_MAIN
domain during VDD_LV domain
loading
Power-up condition
—
—
400
mA
ΔIDDSMPS
(2)
CC T SMPS regulator current variation
20 µs observation
window
-200
—
200
mA
1. SMPS regulator is functional in the range 2.85 V < VDD_HV_IO < 4.5 V, but at a reduced efficiency.
2. Internal schemes must be used by the application (for example, frequency ramping feature enable) to ensure that
incremental demands are made on the external power supply within the maximum value. Mbist/Lbist must be configured to
avoid exceeding the maximum value.
Table 41. SMPS Regulator specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VDD_xxx
HVD TRIGGER
TVMFILTER
VLVD
TVMFILTER
VHVD
LVD TRIGGER
TVMFILTER
TVMFILTER
(INTERNAL)
(INTERNAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com