Electronic Components Datasheet Search
  English  ▼

X  

87LPC767 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # 87LPC767
Description  Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC767 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button 87LPC767 Datasheet HTML 48Page - NXP Semiconductors 87LPC767 Datasheet HTML 49Page - NXP Semiconductors 87LPC767 Datasheet HTML 50Page - NXP Semiconductors 87LPC767 Datasheet HTML 51Page - NXP Semiconductors 87LPC767 Datasheet HTML 52Page - NXP Semiconductors 87LPC767 Datasheet HTML 53Page - NXP Semiconductors 87LPC767 Datasheet HTML 54Page - NXP Semiconductors 87LPC767 Datasheet HTML 55Page - NXP Semiconductors 87LPC767 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
Philips Semiconductors
Product data
87LPC767
Low power, low price, low pin count (20 pin)
microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
49
DC ELECTRICAL CHARACTERISTICS
VDD = 2.7 V to 6.0 V unless otherwise specified; Tamb = 0 °C to +70 °C, –40 °C to +85 °C, or –40 °C to +125 °C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP1
MAX
UNIT
I
Power supply current operating
5.0 V, 20 MHz11
15
25
mA
IDD
Power supply current, operating
3.0 V, 10 MHz11
4
7
mA
I
Power supply current Idle mode
5.0 V, 20 MHz11
6
10
mA
IID
Power supply current, Idle mode
3.0 V, 10 MHz11
2
4
mA
I
Power supply current Power Down mode
5.0 V11
1
10
µA
IPD
Power supply current, Power Down mode
3.0 V11
1
5
µA
VRAM
RAM keep-alive voltage
1.5
V
V
Input low voltage (TTL input)
4.0 V < VDD < 6.0 V
–0.5
0.2 VDD–0.1
V
VIL
Input low voltage (TTL input)
2.7 V < VDD < 4.0 V
–0.5
0.7
V
VIL1
Negative going threshold (Schmitt input)
–0.5 VDD
0.4 VDD
0.3 VDD
V
VIH
Input high voltage (TTL input)
0.2 VDD+0.9
VDD+0.5
V
VIH1
Positive going threshold (Schmitt input)
0.7 VDD
0.6 VDD
VDD+0.5
V
HYS
Hysteresis voltage
0.2 VDD
V
VOL
Output low voltage all ports5, 9
IOL = 3.2 mA, VDD = 2.7 V
0.4
V
VOL1
Output low voltage all ports5, 9
IOL = 20 mA, VDD = 2.7 V
1.0
V
VO
Output high voltage all ports3
IOH = –20 µA, VDD = 2.7 V
VDD–0.7
V
VOH
Output high voltage, all ports3
IOH = –30 µA, VDD = 4.5 V
VDD–0.7
V
VOH1
Output high voltage, all ports4
IOH = –1.0 mA, VDD = 2.7 V
VDD–0.7
V
CIO
Input/Output pin capacitance10
15
pF
IIL
Logical 0 input current, all ports8
VIN = 0.4 V
–50
µA
ILI
Input leakage current, all ports7
VIN = VIL or VIH
±2
µA
I
Logical 1 to 0 transition current all ports3, 6
VIN = 1.5 V at VDD = 3.0 V
–30
–250
µA
ITL
Logical 1 to 0 transition current, all ports3, 6
VIN = 2.0 V at VDD = 5.5 V
–150
–650
µA
RRST
Internal reset pull-up resistor
40
225
k
Ω
VBO2.5
Brownout trip voltage with BOV = 112
Tamb = 0 °C to +70 °C
2.45
2.5
2.65
V
VBO3.8
Brownout trip voltage with BOV = 0
3.45
3.8
3.90
V
VREF
Reference voltage
1.11
1.26
1.41
V
tC (VREF)
Temperature coefficient
tbd
ppm/
°C
SS
Supply sensitivity
tbd
%/V
NOTES:
1. Typical ratings are not guaranteed. The values listed are at room temperature, 5 V.
2. See other Figures for details.
Active mode: ICC(MAX) = tbd
Idle mode: ICC(MAX) = tbd
3. Ports in quasi-bidirectional mode with weak pull-up (applies to all port pins with pull-ups). Does not apply to open drain pins.
4. Ports in PUSH-PULL mode. Does not apply to open drain pins.
5. In all output modes except high impedance mode.
6. Port pins source a transition current when used in quasi-bidirectional mode and externally driven from 1 to 0. This current is highest when
VIN is approximately 2 V.
7. Measured with port in high impedance mode. Parameter is guaranteed but not tested at cold temperature.
8. Measured with port in quasi-bidirectional mode.
9. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
20 mA
Maximum total IOL for all outputs:
80 mA
Maximum total IOH for all outputs:
5 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
10. Pin capacitance is characterized but not tested.
11. The IDD, IID, and IPD specifications are measured using an external clock with the following functions disabled: comparators, brownout
detect, and watchdog timer. For VDD = 3 V, LPEP = 1. Refer to the appropriate figures on the following pages for additional current drawn by
each of these functions and detailed graphs for other frequency and voltage combinations.
12. Devices initially operating at VDD = 2.7 V or above and at fOSC = 10 MHz or less are guaranteed to continue to execute instructions correctly
at the brownout trip point. Initial power-on operation below VDD = 2.7 V is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com