Electronic Components Datasheet Search
  English  ▼

X  

87LPC767 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # 87LPC767
Description  Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC767 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button 87LPC767 Datasheet HTML 51Page - NXP Semiconductors 87LPC767 Datasheet HTML 52Page - NXP Semiconductors 87LPC767 Datasheet HTML 53Page - NXP Semiconductors 87LPC767 Datasheet HTML 54Page - NXP Semiconductors 87LPC767 Datasheet HTML 55Page - NXP Semiconductors 87LPC767 Datasheet HTML 56Page - NXP Semiconductors 87LPC767 Datasheet HTML 57Page - NXP Semiconductors 87LPC767 Datasheet HTML 58Page - NXP Semiconductors 87LPC767 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
Philips Semiconductors
Product data
87LPC767
Low power, low price, low pin count (20 pin)
microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
52
AC ELECTRICAL CHARACTERISTICS
Tamb = 0 °C to +70 °C, –40 °C to +85 °C, or –40 °C to +125 °C; VDD = 2.7 V to 6.0 V unless otherwise specified, VSS = 0 V1, 2, 3
SYMBOL
FIGURE
PARAMETER
LIMITS
UNIT
SYMBOL
FIGURE
PARAMETER
MIN
MAX
UNIT
External Clock
fC
42
Oscillator frequency (VDD = 4.5 V to 6.0 V)
0
20
MHz
fC
42
Oscillator frequency (VDD = 2.7 V to 6.0 V)
0
10
MHz
tC
42
Clock period and CPU timing cycle
1/fC
ns
tCHCX
42
Clock high-time4
20
ns
tCLCX
42
Clock low time4
20
ns
Shift Register
tXLXL
41
Serial port clock cycle time
6tC
ns
tQVXH
41
Output data setup to clock rising edge
5tC – 133
ns
tXHQX
41
Output data hold after clock rising edge
1tC – 80
ns
tXHDV
41
Input data setup to clock rising edge
5tC – 133
ns
tXHDX
41
Input data hold after clock rising edge
0
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for all outputs = 80 pF.
3. Parts are guaranteed to operate down to 0 Hz.
4. Applies only to an external clock source, not when a crystal is connected to the X1 and X2 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com