Electronic Components Datasheet Search
  English  ▼

X  

85352AYILF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 85352AYILF
Description  12 Bit, 2-to-1, 3.3V, 2.5V LVPECL Clock Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85352AYILF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 85352AYILF Datasheet HTML 2Page - Renesas Technology Corp 85352AYILF Datasheet HTML 3Page - Renesas Technology Corp 85352AYILF Datasheet HTML 4Page - Renesas Technology Corp 85352AYILF Datasheet HTML 5Page - Renesas Technology Corp 85352AYILF Datasheet HTML 6Page - Renesas Technology Corp 85352AYILF Datasheet HTML 7Page - Renesas Technology Corp 85352AYILF Datasheet HTML 8Page - Renesas Technology Corp 85352AYILF Datasheet HTML 9Page - Renesas Technology Corp 85352AYILF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
©2015 Integrated Device Technology, Inc.
Revision C, December 1, 2015
85352 Datasheet
Parameter Measurement Information
3.3V Core/ 3.3V LVPECL Output Load AC Test Circuit
Differential Input Level
Output Skew
3.3V Core/ 2.5V LVPECL Output Load AC Test Circuit
Part-to-Part Skew
Propagation Delay
SCOPE
Qx
nQx
V
EE
VCC,
2V
-1.3V ± -0.165V
VCCO
nCLK[0:1]
CLK[0:1]
VCC
VEE
V
CMR
Cross Points
V
PP
nQx
Qx
nQy
Qy
SCOPE
Qx
nQx
LVPECL
V
EE
2V
-0.5V±0.125V
VCC
VCCO
2.8V±0.04V
tsk(pp)
Par t 1
Par t 2
nQx
Qy
Qx
nQy
t
PD
Q[0:11]
nQ[0:11]
CLK[0:1]
nCLK[0:11]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com