Electronic Components Datasheet Search
  English  ▼

X  

AC04 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AC04
Description  Cemented wirewound resistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AC04 Datasheet(HTML) 4 Page - NXP Semiconductors

  AC04 Datasheet HTML 1Page - NXP Semiconductors AC04 Datasheet HTML 2Page - NXP Semiconductors AC04 Datasheet HTML 3Page - NXP Semiconductors AC04 Datasheet HTML 4Page - NXP Semiconductors AC04 Datasheet HTML 5Page - NXP Semiconductors AC04 Datasheet HTML 6Page - NXP Semiconductors AC04 Datasheet HTML 7Page - NXP Semiconductors AC04 Datasheet HTML 8Page - NXP Semiconductors AC04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2000 Oct 20
4
BCcomponents
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the E24 series for resistors with a tolerance of
±5%.
The values of the E24 series are in accordance with “IEC publication 60063”.
Limiting values
Note
1. The maximum voltage that may be continuously applied to the resistor element, see “IEC publication 60266”.
The maximum permissible hot-spot temperature is 350
°C.
DERATING
The power that the resistor can dissipate depends on the operating temperature; see Fig.1.
TYPE
LIMITING VOLTAGE(1)
(V)
LIMITING POWER
(W)
Tamb =40 °CTamb =70 °C
AC01
1
0.9
AC03
3
2.5
AC04
4
3.5
AC05
5
4.7
AC07
7
5.8
AC10
10
8.4
AC15
15
12.5
AC20
20
16.0
VP
n
R
×
=
Fig.1 Maximum dissipation (Pmax) as a function of the ambient temperature (Tamb).
40
0
40
70
200
100
90
50
0
Pmax
(%)
T
( C)
amb
o
MRA574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com