Electronic Components Datasheet Search
  English  ▼

X  

AC04 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # AC04
Description  Cemented wirewound resistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AC04 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button AC04 Datasheet HTML 16Page - NXP Semiconductors AC04 Datasheet HTML 17Page - NXP Semiconductors AC04 Datasheet HTML 18Page - NXP Semiconductors AC04 Datasheet HTML 19Page - NXP Semiconductors AC04 Datasheet HTML 20Page - NXP Semiconductors AC04 Datasheet HTML 21Page - NXP Semiconductors AC04 Datasheet HTML 22Page - NXP Semiconductors AC04 Datasheet HTML 23Page - NXP Semiconductors AC04 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2000 Oct 20
21
BCcomponents
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
MECHANICAL DATA
Mass per 100 units
Marking
The resistor is marked with the
nominal resistance value, the
tolerance on the resistance and the
rated dissipation at Tamb =40 °C.
For values up to 910
Ω, the R is used as
the decimal point.
For values of 1 k
Ω and upwards, the
letter K is used as the decimal point for
the k
Ω indication.
TYPE
MASS
(g)
AC01
55
AC03
110
AC04
140
AC05
220
AC07
300
AC10
530
AC15
840
AC20
1090
Outlines
Table 3
Resistor type and relevant physical dimensions; see Figs 35 and 36
TYPE
∅D
MAX.
(mm)
L
MAX.
(mm)
∅d
(mm)
b
(mm)
h
(mm)
P
(mm)
S
MAX.
(mm)
∅B
MAX.
(mm)
AC01
4.3
10
0.8
±0.03
−−
−−
−
AC03
5.5
13
1.3
8
10e
21.2
AC04
5.7
17
AC05
7.5
17
AC07
7.5
25
13e
AC10
8
44
−−
−−
−
AC15
10
51
−−
−−
−
AC20
10
67
−−
−−
−
Fig.35 Type with straight leads.
d
L
D
O
O
MRA571
For dimensions see Table 3.
MLB677
P
5
1
0
B
O
h
2
0
Fig.36 Type with cropped and formed leads.
Dimensions in mm.
For dimensions see Table 3.
Available on request for types: AC03, AC04, AC05 and AC07.
D
O
MLB676
L
P 4
P 0.5
2 min
b
S
0.1
0
d
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com