Electronic Components Datasheet Search
  English  ▼

X  

DSP56321T/D Datasheet(PDF) 40 Page - NXP Semiconductors

Part # DSP56321T/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button DSP56321T/D Datasheet HTML 36Page - NXP Semiconductors DSP56321T/D Datasheet HTML 37Page - NXP Semiconductors DSP56321T/D Datasheet HTML 38Page - NXP Semiconductors DSP56321T/D Datasheet HTML 39Page - NXP Semiconductors DSP56321T/D Datasheet HTML 40Page - NXP Semiconductors DSP56321T/D Datasheet HTML 41Page - NXP Semiconductors DSP56321T/D Datasheet HTML 42Page - NXP Semiconductors DSP56321T/D Datasheet HTML 43Page - NXP Semiconductors DSP56321T/D Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
2-16
AC Electrical Characteristics
2.5.6
Host Interface Timing
Table 2-10. Host Interface Timings1,2,12
No.
Characteristic10
Expression
220 MHz
240 MHz
Unit
Min
Max
Min
Max
317
Read data strobe assertion width5
HACK assertion width
TC + T318
9.05
—8.30—
ns
318
Read data strobe deassertion width5
HACK deassertion width
T318
4.5
—
4.13
—
ns
319
Read data strobe deassertion width5 after “Last Data Register”
reads8,11, or between two consecutive CVR, ICR, or ISR
reads3
HACK deassertion width after “Last Data Register” reads8,11
2.5
× T
C + 3.3
14.7
—
13.7
—
ns
320
Write data strobe assertion width6
6.0
—
5.5
—
ns
321
Write data strobe deassertion width8
HACK write deassertion width
•
after ICR, CVR and “Last Data Register” writes
•
after IVR writes, or
after TXH:TXM:TXL writes (with HLEND= 0), or
after TXL:TXM:TXH writes (with HLEND = 1)
2.5
× T
C + 3.3
14.7
7.5
—
—
13.7
6.88
—
—
ns
ns
322
HAS assertion width
4.5
—
4.13
—
ns
323
HAS deassertion to data strobe assertion4
0.0
—
0.0
—
ns
324
Host data input setup time before write data strobe
deassertion6
4.5
—
4.13
—
ns
325
Host data input hold time after write data strobe deassertion6
1.5
—
1.38
—
ns
326
Read data strobe assertion to output data active from high
impedance5
HACK assertion to output data active from high impedance
1.5
—
1.38
—
ns
327
Read data strobe assertion to output data valid5
HACK assertion to output data valid
—
13.45
—
12.32
ns
328
Read data strobe deassertion to output data high impedance5
HACK deassertion to output data high impedance
—4.5
—
4.13
ns
329
Output data hold time after read data strobe deassertion5
Output data hold time after HACK deassertion
1.5
—
1.38
—
ns
330
HCS assertion to read data strobe deassertion5
TC + T318
9.05
—
8.30
—
ns
331
HCS assertion to write data strobe deassertion6
4.5
—
4.13
—
ns
332
HCS assertion to output data valid
—
11.04
—
10.12
ns
333
HCS hold time after data strobe deassertion4
0.0
—
0.0
—
ns
334
Address (HAD[0–7]) setup time before HAS deassertion
(HMUX=1)
2.1
—
1.93
—
ns
335
Address (HAD[0–7]) hold time after HAS deassertion
(HMUX=1)
1.5
—
1.38
—
ns
336
HA[8–10] (HMUX=1), HA[0–2] (HMUX=0), HR/W setup time
before data strobe assertion4
•
Read
•Write
0
2.1
—
—
0
1.93
—
—
ns
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com