Electronic Components Datasheet Search
  English  ▼

X  

DSP56321T/D Datasheet(PDF) 67 Page - NXP Semiconductors

Part # DSP56321T/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button DSP56321T/D Datasheet HTML 63Page - NXP Semiconductors DSP56321T/D Datasheet HTML 64Page - NXP Semiconductors DSP56321T/D Datasheet HTML 65Page - NXP Semiconductors DSP56321T/D Datasheet HTML 66Page - NXP Semiconductors DSP56321T/D Datasheet HTML 67Page - NXP Semiconductors DSP56321T/D Datasheet HTML 68Page - NXP Semiconductors DSP56321T/D Datasheet HTML 69Page - NXP Semiconductors DSP56321T/D Datasheet HTML 70Page - NXP Semiconductors DSP56321T/D Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
4-1
Chapter 4
Design
Considerations
4.1 Thermal Design Considerations
An estimate of the chip junction temperature, TJ, in °C can be obtained from
this equation:
Equation 1:
Where:
TA
=
ambient temperature °C
RθJA
=
package junction-to-ambient thermal resistance °C/W
PD
=
power dissipation in package
Historically, thermal resistance has been expressed as the sum of a
junction-to-case thermal resistance and a case-to-ambient thermal resistance,
as in this equation:
Equation 2:
Where:
RθJA
=
package junction-to-ambient thermal resistance °C/W
RθJC
=
package junction-to-case thermal resistance °C/W
RθCA
=
package case-to-ambient thermal resistance °C/W
RθJC is device-related and cannot be influenced by the user. The user controls
the thermal environment to change the case-to-ambient thermal resistance,
RθCA. For example, the user can change the air flow around the device, add a
heat sink, change the mounting arrangement on the printed circuit board
(PCB) or otherwise change the thermal dissipation capability of the area
surrounding the device on a PCB. This model is most useful for ceramic
packages with heat sinks; some 90 percent of the heat flow is dissipated
through the case to the heat sink and out to the ambient environment. For
ceramic packages, in situations where the heat flow is split between a path to
the case and an alternate path through the PCB, analysis of the device thermal
performance may need the additional modeling capability of a system-level
thermal simulation tool.
The thermal performance of plastic packages is more dependent on the
temperature of the PCB to which the package is mounted. Again, if the
estimates obtained from RθJA do not satisfactorily answer whether the thermal
performance is adequate, a system-level model may be appropriate.
T
J
T
A
P
D
RθJA
×
()
+
=
RθJA
RθJC RθCA
+
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com