Electronic Components Datasheet Search
  English  ▼

X  

ZN409CE Datasheet(PDF) 2 Page - General Electric Company

Part # ZN409CE
Description  PRECISION SERVO INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

ZN409CE Datasheet(HTML) 2 Page - General Electric Company

  ZN409CE Datasheet HTML 1Page - General Electric Company ZN409CE Datasheet HTML 2Page - General Electric Company ZN409CE Datasheet HTML 3Page - General Electric Company ZN409CE Datasheet HTML 4Page - General Electric Company ZN409CE Datasheet HTML 5Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZN409CE
2
Pin 14
Pin 14
-10
°C to +65°C
-10
°C to +65°C, 1.3mA load current
VS = 3.5V to 6.5V
dVIN
RSRR =
dVOUT
± 45°, Rp = 1.5kΩ, R1 = 12kΩ
Excluding RT, CT. Rp = 1.5k
Ω,
R1 = 12k
Ω (potentiometer slider set
mid-way)
CE = 0.47
µF
CE = 0.47
µF, RE = 180kΩ
15ms repetition rate
CE = 0.47
µF, RE = 180kΩ
CD = 1000pF
T = 25
°C
T = 10
°C
IL = 400mA
Quiescent
VS = 3.5V
T = 25
°C
T = -10
°C
Input threshold (lower)
Input threshold (upper)
Ratio upper/lower threshold
Input resistance
Input current
Regulator voltage
Regulator supply rejection ratio
Monostable Linearity
Monostable period temperature
coefficient
Output Schmitt deadband
Minimum output pulse
Error pulse for full drive
Total deadband
PNP drive
Output saturation voltage
Direction bistable output
Supply voltage range
Supply current
Total external current from regulator
Peak voltage VC EXT (with respect to 2V
regulated voltage)
1.35
1.6
1.3
35
650
2.3
-
4.0
-
±3
4.5
130
±6.5
70
65
400
3.6
6.5
10
-
-
-
1.25
1.5
1.2
27
500
2.2
300
3.5
+0.01
±1.5
3.5
100
±5
55
50
300
2.8
5
6.7
-
0.7
0.5
1.15
1.4
1.1
20
350
2.1
200
-
-
±1
2.5
70
±3.5
40
35
-
2
3.5
4.6
1.3
-
-
V
V
k
Ω
µA
V
%
%/
°C
µs
ms
µs
µs
mA
mA
mV
mA
V
mA
mA
V
V
Value
Min.
Typ.
Max.
Units
Characteristics
Test conditions
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated):
Tamb = 25
°C, VS = 5V
CIRCUIT DESCRIPTION
The ZN409CE incorporates a precision dual voltage
source providing 1.5V for internal use and 2.2V for external
circuit requirements.
The input circuit is a Schmitt trigger allowing servo opera-
tion independent of edge speed, as obtained from the re-
ceiver-decoder.
Output from the Schmitt trigger is fed to the deadband and
monostable circuits.
The deadband circuit prvides a
prgrammable area of insensitivity to input pulse in order to
eliminate hunting and overshoot. Dynamic feedback can be
used to reduce the width of the deadband to acceptable levels,
and to maintain correct servo operation.
The monostable circuits provide the inputs to the pulse
comparison circuit which determines direction and amount of
drive required to reach the new position. The output drive is
also controlled by the pulse expansion circuit. This circuit
ensures that a stationary motor will start rotating without
drawing full stall current. This gives much improved battery
life.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com