Electronic Components Datasheet Search
  English  ▼

X  

ZN409CE Datasheet(PDF) 1 Page - General Electric Company

Part # ZN409CE
Description  PRECISION SERVO INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

ZN409CE Datasheet(HTML) 1 Page - General Electric Company

  ZN409CE Datasheet HTML 1Page - General Electric Company ZN409CE Datasheet HTML 2Page - General Electric Company ZN409CE Datasheet HTML 3Page - General Electric Company ZN409CE Datasheet HTML 4Page - General Electric Company ZN409CE Datasheet HTML 5Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ZN409CE
PRECISION SERVO INTEGRATED CIRCUIT
The ZN409CE is a precision monolithic integrated circuit
designed particularly for pulse-width position servo mecha-
nisms used in all types of control applications. The low
number of components required with the ZN409CE, together
with its low power consumption, make this integrated circuit
ideal for use in model aircraft, boats and cars where space,
weight and battery life are at a premium. The amplifier will
operate over a wide range of repitition rates and pulse widths
and is therefore suitable for the majority of systems. The
ZN409CE can also be used in motor speed control circuits.
DS3894 - 2.0
FEATURES
s
Low External Component Count
s
Low Quiescent Current (7mA Typical at 4.8V)
s
Excellent Voltage and Temperature Stability
s
High Output Drive Capability
s
Consistent and Repeatable Performance
s
PrecisionInternal Voltage Stabilisation
s
Time Shared Error Pulse Expansion
s
Balanced Deadband Control
s
Schmitt Trigger Input Shaping
s
Reversing Relay Output (DC Motor Speed Control)
Fig.1 Pin connections - top view
ABSOLUTE MAXIMUM RATINGS
Supply voltage
6.5V
Package dissipation
300mW
Operating Temperature range
-20
°C to +65°C
Storage temperature range
-65
°C to +150°C
Fig.2 Block diagram for ZN409CE


Similar Part No. - ZN409CE

ManufacturerPart #DatasheetDescription
logo
ABB
ZN4011 ABB-ZN4011 Datasheet
1Mb / 20P
Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
logo
List of Unclassifed Man...
ZN404 ETC1-ZN404 Datasheet
78Kb / 4P
2.45V PRECISION REFERENCE REGULATOR
ZN404D ETC1-ZN404D Datasheet
78Kb / 4P
2.45V PRECISION REFERENCE REGULATOR
More results

Similar Description - ZN409CE

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1268 NTE-NTE1268 Datasheet
22Kb / 2P
Integrated Circuit DC Servo Circuit for VCR
NTE1446 NTE-NTE1446 Datasheet
18Kb / 2P
Integrated Circuit Servo Control for VCR
NTE1701 NTE-NTE1701 Datasheet
22Kb / 3P
Integrated Circuit VCR Cylinder Servo Control Circuit
NTE864 NTE-NTE864 Datasheet
26Kb / 3P
Integrated Circuit Precision Waveform Generator
NTE923 NTE-NTE923 Datasheet
28Kb / 3P
Integrated Circuit Precision Voltage Regulator
logo
NXP Semiconductors
OQ8868 PHILIPS-OQ8868 Datasheet
106Kb / 20P
Digital Servo Integrated Circuit Silent DSICS
1997 Feb 12
logo
Analog Devices
AD521 AD-AD521 Datasheet
324Kb / 6P
Integrated Circuit Precision Instrumentation Amplifier
logo
Zarlink Semiconductor I...
DS3894 ZARLINK-DS3894 Datasheet
168Kb / 5P
PRECISION SERVO INTEGRATED CIRCUIT
logo
NTE Electronics
NTE1428 NTE-NTE1428 Datasheet
75Kb / 2P
Integrated Circuit Cylinder Servo Control Circuit for VCR
NTE1425 NTE-NTE1425 Datasheet
80Kb / 2P
Integrated Circuit Capstan Servo Control Circuit for VCR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com