Electronic Components Datasheet Search
  English  ▼

X  

89C52 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # 89C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

89C52 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button 89C52 Datasheet HTML 18Page - NXP Semiconductors 89C52 Datasheet HTML 19Page - NXP Semiconductors 89C52 Datasheet HTML 20Page - NXP Semiconductors 89C52 Datasheet HTML 21Page - NXP Semiconductors 89C52 Datasheet HTML 22Page - NXP Semiconductors 89C52 Datasheet HTML 23Page - NXP Semiconductors 89C52 Datasheet HTML 24Page - NXP Semiconductors 89C52 Datasheet HTML 25Page - NXP Semiconductors 89C52 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Philips Semiconductors
Product specification
89C51/89C52/89C54/89C58
80C51 8-bit microcontroller family
4K/8K/16K/32K Flash
1999 Oct 27
22
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5 V ±10%, VSS = 0V1, 2, 3
VARIABLE CLOCK4
33MHz CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
14
Oscillator frequency
Speed versions:
I;J;U (33 MHz)
3.5
33
3.5
33
MHz
tLHLL
14
ALE pulse width
2tCLCL–40
21
ns
tAVLL
14
Address valid to ALE low
tCLCL–25
5
ns
tLLAX
14
Address hold after ALE low
tCLCL–25
5
ns
tLLIV
14
ALE low to valid instruction in
4tCLCL–65
55
ns
tLLPL
14
ALE low to PSEN low
tCLCL–25
5
ns
tPLPH
14
PSEN pulse width
3tCLCL–45
45
ns
tPLIV
14
PSEN low to valid instruction in
3tCLCL–60
30
ns
tPXIX
14
Input instruction hold after PSEN
0
0
ns
tPXIZ
14
Input instruction float after PSEN
tCLCL–25
5
ns
tAVIV
14
Address to valid instruction in
5tCLCL–80
70
ns
tPLAZ
14
PSEN low to address float
10
10
ns
Data Memory
tRLRH
15, 16
RD pulse width
6tCLCL–100
82
ns
tWLWH
15, 16
WR pulse width
6tCLCL–100
82
ns
tRLDV
15, 16
RD low to valid data in
5tCLCL–90
60
ns
tRHDX
15, 16
Data hold after RD
0
0
ns
tRHDZ
15, 16
Data float after RD
2tCLCL–28
32
ns
tLLDV
15, 16
ALE low to valid data in
8tCLCL–150
90
ns
tAVDV
15, 16
Address to valid data in
9tCLCL–165
105
ns
tLLWL
15, 16
ALE low to RD or WR low
3tCLCL–50
3tCLCL+50
40
140
ns
tAVWL
15, 16
Address valid to WR low or RD low
4tCLCL–75
45
ns
tQVWX
15, 16
Data valid to WR transition
tCLCL–30
0
ns
tWHQX
15, 16
Data hold after WR
tCLCL–25
5
ns
tQVWH
16
Data valid to WR high
7tCLCL–130
80
ns
tRLAZ
15, 16
RD low to address float
0
0
ns
tWHLH
15, 16
RD or WR high to ALE high
tCLCL–25
tCLCL+25
5
55
ns
External Clock
tCHCX
18
High time
17
tCLCL–tCLCX
ns
tCLCX
18
Low time
17
tCLCL–tCHCX
ns
tCLCH
18
Rise time
5
ns
tCHCL
18
Fall time
5
ns
Shift Register
tXLXL
17
Serial port clock cycle time
12tCLCL
360
ns
tQVXH
17
Output data setup to clock rising edge
10tCLCL–133
167
ns
tXHQX
17
Output data hold after clock rising edge
2tCLCL–80
50
ns
tXHDX
17
Input data hold after clock rising edge
0
0
ns
tXHDV
17
Clock rising edge to input data valid
10tCLCL–133
167
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
3. Interfacing the microcontroller to devices with float times up to 45 ns is permitted. This limited bus contention will not cause damage to Port 0 drivers.
4. Parts are guaranteed to operate down to 0 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com