Electronic Components Datasheet Search
  English  ▼

X  

HC5503CB Datasheet(PDF) 5 Page - Intersil Corporation

Part # HC5503CB
Description  Low Cost 24V SLIC For PABX / Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503CB Datasheet(HTML) 5 Page - Intersil Corporation

  HC5503CB Datasheet HTML 1Page - Intersil Corporation HC5503CB Datasheet HTML 2Page - Intersil Corporation HC5503CB Datasheet HTML 3Page - Intersil Corporation HC5503CB Datasheet HTML 4Page - Intersil Corporation HC5503CB Datasheet HTML 5Page - Intersil Corporation HC5503CB Datasheet HTML 6Page - Intersil Corporation HC5503CB Datasheet HTML 7Page - Intersil Corporation HC5503CB Datasheet HTML 8Page - Intersil Corporation HC5503CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Power Supply Rejection Ratio
(Note 4),
30 - 60Hz, RL = 200Ω
VCC to 2-Wire
35
-
-
dB
VCC to Transmit
35
-
-
dB
VBAT to 2-Wire
20
-
-
dB
VBAT to Transmit
20
-
-
dB
VCC to 2-Wire
200 - 16kHz, RL = 200Ω
35
-
-
dB
VCC to Transmit
35
-
-
dB
VBAT to 2-Wire
35
-
-
dB
VBAT to Transmit
35
-
-
dB
Logic Input Current (RS, RC, PD)
0V
≤ VIN ≤ 2.4V
-
-
±20
µA
Logic Inputs
Logic ‘0’ VIL
-
-
0.8
V
Logic ‘1’ VIH
2.0
-
5.5
V
SHD Output
ILOAD 800µA, VCC = 5V
Logic ‘0’ VOL
-
0.1
0.4
V
Logic ‘1’ VOH
ILOAD 40µA, VCC = 5V
2.7
-
5.0
V
NOTES:
3. ILONG = Longitudinal Current.
4. These parameters are controlled by design or process parameters and are not directly tested. These parameters are characterized upon initial
design release, upon design changes which would affect these characteristics, and at intervals to assure product quality and specification
compliance.
5. Guaranteed by design, not tested.
Electrical Specifications
Unless Otherwise Specified, VBAT = -24V, VCC = 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25°C. Min-Max Parameters are Over Operating Temperature Range. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HC5503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com