Electronic Components Datasheet Search
  English  ▼

X  

HC5503CB Datasheet(PDF) 9 Page - Intersil Corporation

Part # HC5503CB
Description  Low Cost 24V SLIC For PABX / Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503CB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HC5503CB Datasheet HTML 5Page - Intersil Corporation HC5503CB Datasheet HTML 6Page - Intersil Corporation HC5503CB Datasheet HTML 7Page - Intersil Corporation HC5503CB Datasheet HTML 8Page - Intersil Corporation HC5503CB Datasheet HTML 9Page - Intersil Corporation HC5503CB Datasheet HTML 10Page - Intersil Corporation HC5503CB Datasheet HTML 11Page - Intersil Corporation HC5503CB Datasheet HTML 12Page - Intersil Corporation HC5503CB Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
The Transversal Amplifier (TA)
Whereas the feed amplifiers perform the 4-wire to 2-wire
transmission function, the transversal amplifier acts as the
2-wire to 4-wire hybrid. The TA is a summing amplifier
configured to reject common mode signals. It will reject 2-
wire common mode signals. RB1 and RB2 act as loop
current sense resistors. The voice signal output of the
amplifier is a function of the differential voltages appearing
across RB1 and RB2.
The transversal amplifier also has a DC output proportional
to the metallic current in the loop. The output voltage is
given by:
VTX = 2(ITIP + IRING) (RB1 + RB2)
This DC level is used as an input to a comparator whose
output feeds into the logic circuitry as SH. This signal is used
to gate SHD output.
Voice signals on the loop are transformed by the TA into
ground referenced signals. Since the TA output has a DC
offset it is necessary to AC couple the output to any external
circuitry. Note, that during 4-wire to 2-wire transmission, the
transversal amplifier will have an audio signal at its output
proportional to the 4-wire audio receive signal and the loop’s
equivalent AC impedance. This is called the transhybrid
return, and must be cancelled (or balanced) out to prevent
an echo effect. Reference the Transhybrid Circuit section for
more information.
Loop Current Limiting
The maximum loop length for this application is a 533
Ω load
across the feed amplifiers (24VSUPPLY - 8VOVERHEAD)/
30mAMAX loop current). However, on a short loop the line
resistance often approaches zero. Thus, a need exists to
control the maximum DC loop current that can flow around
the loop to prevent an excessive current drain from the
system battery. This limit is internally set to 30mA on the
HC5503. Figure 3 depicts the feedback network that
modifies the VRF voltage as a function of metallic current.
Figure 4 illustrates the loop current characteristics as a
function of line resistance.
As indicated above, the TA has a DC voltage output
directly proportional to the loop current. This voltage level
is scaled by R19 and R18. The scaled level forms the
‘Metallic’ input to one side of a Transconductance
Amplifier.
The reference input to this amplifier is generated in the bias
network, and is equivalent to 30mA. When the metallic input
exceeds the set reference level, the transconductance
amplifier sources current. This current will charge C1 in
positive direction causing the VRF (Ring Feed) voltage to
approach the VTF (Tip Feed), effectively reducing the battery
feed across the loop which will limit the DC loop current. C1
will continue to charge until an equilibrium level is attained at
ILOOP = ILOOPmA (Max). The time constant of this feedback
loop is set by R21 (90kΩ) and C1 which is nominally 0.33µF.
The VRF voltage level is also modified to reduce or control
loop current during ring line faults (e.g., ground or power line
crosses), and thermal overload. Figure 8 illustrates this. The
thermal and fault current circuitry works in parallel with the
transconductance amplifier.
Longitudinal Amplifier
The longitudinal amplifier is an operational amplifier
configured as a closed loop differential amplifier with a
nominal gain of 0.1. The output is a measure of any
imbalance between ITIP and IRING. The transfer function of
this amplifier is given by:
VLONG = 0.1(ITIP - IRING) 150.
The gain factor is much less than one since ring voltage (up
to 150VPEAK) can appear at the Ring or Ring Feed Sense
terminals and are attenuated to avoid exceeding the
common mode range of the longitudinal amplifier’s input.
C1
VRF
VTIP
RB2
RB1
VRING
VTF
TRANSVERSAL
AMP
VTX = -600 ILOOP
VB5
R19
R18
90K
-4V
VB/2
KVTX
FOR KVTX < VB5
IGM > 0,
RING
90K
AVCL = 2
1.8K
R21
FEED
+
-
+
-
+
-
VRF
VTX
FIGURE 3. DC LOOP CURRENT CHARACTERISTICS
HC5503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com