Electronic Components Datasheet Search
  English  ▼

X  

DA9141 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA9141
Description  High-Performance, 25 A/40 A Peak, DC-DC Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9141 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA9141 Datasheet HTML 35Page - Renesas Technology Corp DA9141 Datasheet HTML 36Page - Renesas Technology Corp DA9141 Datasheet HTML 37Page - Renesas Technology Corp DA9141 Datasheet HTML 38Page - Renesas Technology Corp DA9141 Datasheet HTML 39Page - Renesas Technology Corp DA9141 Datasheet HTML 40Page - Renesas Technology Corp DA9141 Datasheet HTML 41Page - Renesas Technology Corp DA9141 Datasheet HTML 42Page - Renesas Technology Corp DA9141 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
DA9141
High-Performance, 25 A/40 A Peak, DC-DC
Converter
Datasheet
Revision 2.0
28-Jan-2022
CFR0011-120-00
39 of 50
© 2022 Renesas Electronics
Bit
Type
Field Name
Description
0x1
GPI: pull-down enabled, GPO: pull-up to AVDD
enabled
[2]
R
GPIO4_POL
GPIO polarity
Value
Description
0x0
GPIO is active-high
0x1
GPIO is active-low
[1:0]
R
GPIO4_TRIG
GPI trigger type
Value
Description
0x0
Dual-edge triggered
0x1
Positive-edge triggered
0x2
Negative-edge triggered
0x3
Reserved (No trigger)
6.2.1
Buck1
Table 42: BUCK_BUCK1_0 (0x0020)
Bit
Type
Field Name
Description
[6:4]
RW
CH1_SR_DVC_DWN
Voltage slew-rate for DVC ramp-down
Value
Description
0x0
10 mV / 8 us
0x1
10 mV / 4 us
0x2
10 mV / 2 us
0x3
10 mV / 1 us
0x4
20 mV / 1 us
0x5
Reserved
0x6
Reserved
0x7
Reserved
[3:1]
RW
CH1_SR_DVC_UP
Voltage slew-rate for DVC ramp-up
Value
Description
0x0
10 mV / 8 us
0x1
10 mV / 4 us
0x2
10 mV / 2 us
0x3
10 mV / 1 us
0x4
20 mV / 1 us
0x5
40 mV / 1 us
0x6
Reserved
0x7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com