Electronic Components Datasheet Search
  English  ▼

X  

DA9141 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA9141
Description  High-Performance, 25 A/40 A Peak, DC-DC Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9141 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA9141 Datasheet HTML 11Page - Renesas Technology Corp DA9141 Datasheet HTML 12Page - Renesas Technology Corp DA9141 Datasheet HTML 13Page - Renesas Technology Corp DA9141 Datasheet HTML 14Page - Renesas Technology Corp DA9141 Datasheet HTML 15Page - Renesas Technology Corp DA9141 Datasheet HTML 16Page - Renesas Technology Corp DA9141 Datasheet HTML 17Page - Renesas Technology Corp DA9141 Datasheet HTML 18Page - Renesas Technology Corp DA9141 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
DA9141
High-Performance, 25 A/40 A Peak, DC-DC
Converter
Datasheet
Revision 2.0
28-Jan-2022
CFR0011-120-00
15 of 50
© 2022 Renesas Electronics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOL_SDA
Output low voltage
SDA
IOUT = 3 mA
0.24
V
RPD
GPIO pull-down resistor
2
10
120
kΩ
RPU
GPIO pull-up resistor
2
10
120
kΩ
4.8
Timing Characteristics
Note: Values are preliminary, pending final silicon characterization results.
Table 11: I2C Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
tBUS
Bus free time between a
STOP and START condition
0.5
μs
CBUS
Bus line capacitive load
150
pF
fSCL
SCL clock frequency
20
Note 1
1000
kHz
tLO_SCL
SCL low time
0.5
μs
tHI_SCL
SCL high time
0.26
μs
tRISE
SCL and SDA rise time
Requirement for input
1000
ns
tFALL
SCL and SDA fall time
Requirement for input
300
ns
tSETUP_START
Start condition setup time
0.26
μs
tHOLD_START
Start condition hold time
0.26
μs
tSETUP_STOP
Stop condition setup time
0.26
μs
tDATA
Data valid time
0.45
μs
tDATA_ACK
Data valid acknowledge time
0.45
μs
tSETUP_DATA
Data setup time
50
ns
tHOLD_DATA
Data hold time
0
ns
Note 1
Minimum clock frequency is limited to 20 kHz if I2C_TIMEOUT is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com