Electronic Components Datasheet Search
  English  ▼

X  

EM06 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # EM06
Description  IoT/M2M-optimized LTE-A Cat 6 M.2 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EM06 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  EM06 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EM06 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel EM06
IoT/M2M-optimized
LTE-A Cat 6 M.2 Module
Quectel EM06 is a series of LTE Advanced category 6 module optimized specially for M2M and IoT applications. Adopting the
3GPP Rel. 11 LTE technology, it delivers maximum data rates up to 300Mbps downlink and 50Mbps uplink.
Designed in the M.2 form factor, EM06 contains 3 variants (EM06-E, EM06-J and EM06-A) for different target regions and
these variants nearly cover all the main stream carriers worldwide.
EM06 supports Qualcomm® IZat™ location technology Gen8C Lite (GPS, GLONASS, BeiDou/Compass, Galileo and QZSS). The
integrated GNSS greatly simplifies product design, and provides quicker, more accurate and more dependable positioning
capability.
A rich set of Internet protocols, industry-standard interfaces and abundant functionalities (USB drivers for Windows 7/
8/8.1/10, Linux, Android) extend the applicability of the module to a wide range of M2M and IoT applications such as
industrial router, home gateway, set top box, industrial laptop, consumer laptop, industrial PDA, rugged tablet PC, video
surveillance and digital signage, etc.
LTE-A Cat 6 module with M.2 form factor, optimized for M2M and
IoT applications
Support LTE-A carrier aggregation
Worldwide LTE-A and UMTS/HSPA(+) coverage
Multi-constellation
GNSS
receiver
available
for
applications
requiring fast and accurate fixes in any environment
Feature refinements: supports DFOTA and DTMF
MIMO technology meets demands for data rate and link reliability in
modem wireless communication systems
LTE Cat 6
Max 300Mbps (DL)
Max 50Mbps (UL)
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Max 42Mbps (DL)
Max 5.76Mbps (UL)
USB 2.0 High Speed
USB Drivers
Quectel Enhanced
AT Commands
Embedded Abundant
Multi-constellation
GNSS
M.2 Form Factor
Rev.: V1.6| Status: Released
30.0mm
2.3mm
Voice over LTE
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Key
Benefits


Similar Part No. - EM06

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EM06 QUECTEL-EM06 Datasheet
773Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 M.2 Module
More results

Similar Description - EM06

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EC25 QUECTEL-EC25 Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG25-G QUECTEL-EG25-G Datasheet
691Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EM06 QUECTEL-EM06 Datasheet
773Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 M.2 Module
EP06 QUECTEL-EP06 Datasheet
655Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 Mini PCIe Module
EC20 QUECTEL-EC20 Datasheet
678Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20_V01 Datasheet
672Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21 Datasheet
673Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EG06 QUECTEL-EG06 Datasheet
722Kb / 2P
IoT/M2M-optimized LTE-A Cat 6 LGA Module
EG21-G QUECTEL-EG21-G_V01 Datasheet
692Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com