Electronic Components Datasheet Search
  English  ▼

X  

EM06 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # EM06
Description  IoT/M2M-optimized LTE-A Cat 6 M.2 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EM06 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  EM06 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EM06 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LTE Cat 6
EM06-E
EM06-J
EM06-A
Region/Operator
EMEA/APAC
①/Brazil
Japan
North America/ Mexico
Dimensions (mm)
42.0 × 30.0 × 2.3
42.0 × 30.0 × 2.3
42.0 × 30.0 × 2.3
Temperature Range
Operation Temperature
-30°C ~ +70°C
-30°C ~ +70°C
-30°C ~ +70°C
Extended Temperature
-40°C ~ +85°C
-40°C ~ +85°C
-40°C ~ +85°C
Frequency Bands
LTE-FDD
B1/B3/B5/B7/B8/B20/B28/B32
②
B1/B3/B8/B18/B19/B26/B28
B2/B4/B5/B7/B12/B13/B25/B26/B29
②/B30/B66
LTE-TDD
B38/B40/B41
B41
B41
2xCA
B1+B1/B5/B8/B20/B28;
B3+B3/B5/B7/B8/B20/B28;
B7+B5/B7/B8/B20/B28;
B20+B32
②; B38+B38; B40+B40; B41+B41
B1+B1/B8/B18/B19/B26/B28;
B3+B3/B8/B18/B19/B26/B28;
B41+B41
B2+B2/B5/B12/B13/B29
②;
B4+B4/B5/B12/B13/B29
②;
B7+B5/B7/B12/B26;
B25+B5/B12/B25/B26;
B30+B5/B12/B29
②;
B66+B5/B12/B13/B29
②/B66;
B41+B41
WCDMA
B1/B3/B5/B8
B1/B3/B6/B8/B19
B2/B4/B5
GNSS
GPS/GLONASS/BeiDou (Compass)/Galileo/QZSS
(Optional)
GPS/GLONASS/BeiDou (Compass)/Galileo/QZSS
(Optional)
GPS/GLONASS/BeiDou (Compass)/Galileo/QZSS
(Optional)
Certifications
Carrier
Europe: Deutsche Telekom*
Australia: Telstra
Japan: KDDI
North America: Verizon/AT&T/Sprint
Regulatory
Global: GCF
Europe: CE
Taiwan (China): NCC
Australia & New Zealand: RCM
North Africa: ICASA
Japan: JATE/TELEC
Global: GCF
North America: FCC/PTCRB
Canada: IC
Others
RoHS/WHQL
RoHS/WHQL
RoHS/WHQL
Data Transmission
LTE-FDD Data Rate (Mbps)
300 (DL)/50 (UL)
300 (DL)/50 (UL)
300 (DL)/50 (UL)
LTE-TDD Data Rate (Mbps)
226 (DL)/28 (UL)
226 (DL)/28 (UL)
226 (DL)/28 (UL)
DC-HSPA+ Data Rate (Mbps)
42 (DL)/5.76 (UL)
42 (DL)/5.76 (UL)
42 (DL)/5.76 (UL)
WCDMA Data Rate (Kbps)
384 (DL)/384 (UL)
384 (DL)/384 (UL)
384 (DL)/384 (UL)
Interfaces
(U)SIM
x2
x2
x2
I2C
x1
x1
x1
PCM (Digital Audio)
x1
x1
x1
Antenna Tuner Control* (ANTCTL)
x4
x4
x4
USB 2.0
x1
x1
x1
W_DISABLE1#
x1
x1
x1
RESET#
x1
x1
x1
WAKE_ON_WAN#
x1
x1
x1
WWAN_LED#
x1
x1
x1
Antennas
x3 (Main, Diversity and GNSS Antennas)
x3 (Main, Diversity and GNSS Antennas)
x3 (Main, Diversity and GNSS Antennas)
Voice
Speech Codec Modes
AMR/AMR-WB
AMR/AMR-WB
AMR/AMR-WB
Echo Arithmetic
Echo Cancellation/Noise Suppression
Echo Cancellation/Noise Suppression
Echo Cancellation/Noise Suppression
VoLTE
CSFB and VoLTE (Voice over LTE) (Optional)
CSFB and VoLTE (Voice over LTE) (Optional)
CSFB and VoLTE (Voice over LTE) (Optional)
Enhanced Features
MIMO (2x2, 4x2, DL)
●
●
●
Digital Audio and VoLTE (Voice over LTE)
Optional
Optional
Optional
(U)SIM Card Detection
●
●
●
DTMF
●
●
●
Dual SIM Single Standby*
●
●
●
DFOTA
●
●
●
GNSS
●
●
●
Drivers
USB Driver
Windows 7/8/8.1/10, Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
Windows 7/8/8.1/10, Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
Windows 7/8/8.1/10, Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
GNSS Driver
Android 4.x/5.x/6.x/7.x/8.x/9.x
Android 4.x/5.x/6.x/7.x/8.x/9.x
Android 4.x/5.x/6.x/7.x/8.x/9.x
RIL Driver
Android 4.x/5.x/6.x/7.x/8.x/9.x
Android 4.x/5.x/6.x/7.x/8.x/9.x
Android 4.x/5.x/6.x/7.x/8.x/9.x
NDIS Driver
Windows 7/8/8.1/10
Windows 7/8/8.1/10
Windows 7/8/8.1/10
MBIM Driver
Windows 8/8.1/10, Linux 3.18~5.4
Windows 8/8.1/10, Linux 3.18~5.4
Windows 8/8.1/10, Linux 3.18~5.4
GobiNet Driver
Linux 2.6~5.4
Linux 2.6~5.4
Linux 2.6~5.4
QMI_WWAN Driver
Linux 3.4~5.4
Linux 3.4~5.4
Linux 3.4~5.4
Electrical Features
Supply Voltage Range
3.135V~4.4V, 3.7V Typ.
3.135V~4.4V, 3.7V Typ.
3.135V~4.4V, 3.7V Typ.
Power Consumption
50μA @Power off
4.1mA @Sleep Typ.
22.1mA @Idle
47μA @Power off
3.8mA @Sleep Typ.
19.5mA @Idle
50μA @Power off
3.8mA @Sleep Typ.
21.3mA @Idle
Quectel EM06 Series
Copyright © 2019 Quectel Wireless Solutions Co., Ltd. All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com
Notes:
1. * means Under Development.
2. ● means supported.
①
Excluding Japan and CMCC.
②
LTE-FDD B29 and B32 support receiving only, and are only for secondary component carrier in 2×CA.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com