Electronic Components Datasheet Search
  English  ▼

X  

TLC598 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC598
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC598 Datasheet(HTML) 4 Page - Texas Instruments

  TLC598 Datasheet HTML 1Page - Texas Instruments TLC598 Datasheet HTML 2Page - Texas Instruments TLC598 Datasheet HTML 3Page - Texas Instruments TLC598 Datasheet HTML 4Page - Texas Instruments TLC598 Datasheet HTML 5Page - Texas Instruments TLC598 Datasheet HTML 6Page - Texas Instruments TLC598 Datasheet HTML 7Page - Texas Instruments TLC598 Datasheet HTML 8Page - Texas Instruments TLC598 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TL598
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS053C – FEBRUARY 1988 – REVISED JULY 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 15 V
(unless otherwise noted)
reference section (see Note 4)
PARAMETER
TEST CONDITIONS†
TL598C
TL598Q
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
Output voltage (REF)
IO =1mA
TA = 25°C
4.95
5
5.05
4.95
5
5.05
V
Output voltage (REF)
IO = 1 mA
TA = full range
4.9
5.1
4.9
5.1
V
Input regulation
VCC = 7 V to 40 V
TA = 25°C
2
25
2
22
mV
Output regulation
IO =1mAto10mA
TA = 25°C
1
15
1
15
mV
Output regulation
IO = 1 mA to 10 mA
TA = full range
50
80
mV
Output voltage change with
temperature
∆TA = MIN to MAX
2
10
2
10
mV/V
Short-circuit output current§
REF = 0 V
–10
–48
–10
–48
mA
† Full range is 0
°C to 70°C for the TL598C, and –40°C to 125°C for the TL598Q.
‡ All typical values except for parameter changes with temperature are at TA = 25°C.
§ Duration of the short circuit should not exceed one second.
NOTE 4: Pulse-testing techniques that maintain the junction temperature as close to the ambient temperature as possible must be used.
oscillator section, CT = 0.001 µF, RT = 12 kΩ (see Figure 1) (see Note 4)
PARAMETER
TEST CONDITIONS†
TL598C, TL598Q
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
Frequency
100
kHz
Standard deviation of frequency¶
All values of VCC, CT, RT, TA constant
100
Hz/kHz
Frequency change with voltage
VCC = 7 V to 40 V,
TA = 25°C
1
10
Hz/kHz
Frequency change with temperature#
∆TA = full range
70
120
Hz/kHz
Frequency change with temperature#
∆TA = full range,
CT = 0.01 µF
50
80
Hz/kHz
† Full range is 0
°C to 70°C for the TL598C, and –40°C to 125°C for the TL598Q.
‡ All typical values except for parameter changes with temperature are at TA = 25°C.
¶ Standard deviation is a measure of the statistical distribution about the mean as derived from the formula:
# Effects of temperature on external RT and CT are not taken into account.
NOTE 4. Pulse-testing techniques that maintain the junction temperature as close to the ambient temperature as possible must be used.
error amplifier section (see Note 4)
PARAMETER
TEST CONDITIONS
TL598C, TL598Q
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
Input offset voltage
FEEDBACK = 2.5 V
2
10
mV
Input offset current
FEEDBACK = 2.5 V
25
250
nA
Input bias current
FEEDBACK = 2.5 V
0.2
1
µA
Common-mode input voltage range
VCC = 7 V to 40 V
0 to
VCC–2
V
Open-loop voltage amplification
∆VO (FEEDBACK) = 3 V, VO (FEEDBACK) = 0.5 V to 3.5 V
70
95
dB
Unity-gain bandwidth
800
kHz
Common-mode rejection ratio
VCC = 40 V,
∆VIC = 6.5 V,
TA = 25°C
65
80
dB
Output sink current (FEEDBACK)
FEEDBACK = 0.5 V
0.3
0.7
mA
Output source current (FEEDBACK)
FEEDBACK = 3.5 V
–2
mA
Phase margin at unity gain
FEEDBACK = 0.5 V to 3.5 V,
RL = 2 kΩ
65
°
Supply-voltage rejection ratio
FEEDBACK = 2.5 V,
∆VCC = 33 V,
RL = 2 kΩ
100
dB
‡ All typical values except for parameter changes with temperature are at TA = 25°C.
NOTE 4. Pulse-testing techniques that maintain the junction temperature as close to the ambient temperature as possible must be used.
s +
N
n
+1
xn–X
2
N–1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com