Electronic Components Datasheet Search
  English  ▼

X  

TLC598 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC598
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC598 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC598 Datasheet HTML 2Page - Texas Instruments TLC598 Datasheet HTML 3Page - Texas Instruments TLC598 Datasheet HTML 4Page - Texas Instruments TLC598 Datasheet HTML 5Page - Texas Instruments TLC598 Datasheet HTML 6Page - Texas Instruments TLC598 Datasheet HTML 7Page - Texas Instruments TLC598 Datasheet HTML 8Page - Texas Instruments TLC598 Datasheet HTML 9Page - Texas Instruments TLC598 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TL598
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS053C – FEBRUARY 1988 – REVISED JULY 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
† Frequency variation (
∆f) is the change in predicted oscillator
frequency that occurs over the full temperature range.
Figure 4
∆f = 1%
†
40
10
100
1 k
4 k
10 k
40 k
100 k
400 k
1 M
OSCILLATOR FREQUENCY AND
FREQUENCY VARIATION
vs
TIMING RESISTANCE
400
1 k
4 k
10 k
40 k
100 k
–2%
–1%
0%
CT = 1 µF
0.01
µF
0.001
µF
VCC = 15 V
†
RT – Timing Resistance – Ω
0.1
µF
20
0
80
40
1 k
10 k
100 k
1 M
60
f – Frequency – Hz
AMPLIFIER VOLTAGE AMPLIFICATION
vs
FREQUENCY
VCC = 15 V
∆VO = 3 V
TA = 25°C
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com