Electronic Components Datasheet Search
  English  ▼

X  

V61558P Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # V61558P
Description  Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V61558P Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  V61558P Datasheet HTML 1Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 2Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 3Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 4Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 5Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 6Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 7Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 8Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EM MICROELECTRONIC--MARIN SA
V6155
1
Extremely Accurate Power Surveillance,
Software Monitoring and Sleep Mode Detection
Features
n
Can-bus sleep mode detector
n
Standby mode, maximum current 50 mA
n
Reset output guaranteed for V
DD voltage
down to 1.2 V
n
Comparator for voltage monitoring,voltage reference
1.275 V
n
± 1.2% voltage reference accuracy at +25 °C
n
± 2.5% voltage reference accuracy from
−40 to +85 °C (3 to 5.5 V)
n
Programmable reset voltage monitoring
n
Programmable power-on reset (POR) delay
n
Watchdog with programmable time windows
guarantees a minimum time and a maximum time
between software clearing of the watchdog
n
Time base accuracy ± 10%
n
System enable output offers added security
n
TTL / CMOS compatible
n -40 to +85 °C temperature range
n
On request extended temperature range,
−40 to +125 °C
n
DIP8 and SO8 packages
Description
The V6155 offers a high level of integration by voltage
monitoring and software monitoring in an 8 lead
package. A comparator monitors the voltage applied at
the V
IN input comparing it with an internal 1.275 V
reference. The power-on reset function is initialized after
V
IN reaches 1.275 V and takes the reset output inactive
after T
POR depending of external resistance. The reset
output goes active low when the V
IN voltage is less than
1.275 V. The RES and EN outputs are guaranteed to be
in a correct state for a supply voltage as low as 1.2 V.
The watchdog function monitors software cycle time and
execution. If software clears the watchdog too quickly
(incorrect cycle time) or too slowly (incorrect execution),
it will cause the system to be reset. The system enable
output prevents critical control functions being activated
until software has successfully cleared the watchdog
three times. Such a security could be used to prevent
motor controls being energized on repeated resets of a
faulty system. If the microcontroller does not work that
means no signal on the TCL input the V6155 goes in a
standby mode (CAN-bus sleep detector).
Applications
n
Automotive systems
n
Cellular telephones
n
Security systems
n
Battery powered products
n
High efficiency linear power supplies
n
Industrial electronics
Typical Operating Configuration
Pin Assignment
R
V
SS
EN
TCL
V
IN
V
DD
Fig. 1
100 nF
V6155
RES
GND
DIP8 / SO8
V
DD
R
TCL
RES
EN
Fig. 2
V6155
V
SS
V
IN
NC


Similar Part No. - V61558P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6150 ETC1-V6150 Datasheet
169Kb / 12P
Power Surveillance and Software Monitoring
More results

Similar Description - V61558P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6130 ETC-V6130 Datasheet
514Kb / 12P
Accurate Power Surveillance and Software Monitoring
A6130 ETC1-A6130 Datasheet
500Kb / 14P
High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
A6150 ETC1-A6150 Datasheet
324Kb / 14P
High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
V6150 ETC1-V6150 Datasheet
169Kb / 12P
Power Surveillance and Software Monitoring
V6170 ETC1-V6170 Datasheet
165Kb / 12P
Accurate Voltage Window Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
Allegro MicroSystems
A2557 ALLEGRO-A2557_09 Datasheet
306Kb / 12P
Protected Quad Driver with Fault Detection and Sleep Mode
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
Protected Quad Driver with Fault Detection and Sleep Mode
logo
Level One
FCS-9404 LVL1-FCS-9404 Datasheet
1Mb / 3P
Powerful Surveillance Management Software
logo
ABB
M4M ABB-M4M Datasheet
1Mb / 10P
Accurate electrical measuring and power monitoring.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com